Moteur de recherche de fiches techniques de composants électroniques |
|
CXA1816-0000-000N00N435H Fiches technique(PDF) 5 Page - Cree, Inc |
|
CXA1816-0000-000N00N435H Fiches technique(HTML) 5 Page - Cree, Inc |
5 / 17 page 55 Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 5 XLamp® CXa1816 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 16). • Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. nominal CCt Cri Minimum Luminous flux 2-step 3-step 4-Step Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* group order Code group order Code group order Code 2700 K 80 --- N2 1590 1762 27H CXA1816‑0000‑ 000N00N227H 27G 27F CXA1816‑0000‑ 000N00N227F N4 1710 1895 CXA1816‑0000‑ 000N00N427H CXA1816‑0000‑ 000N00N427G CXA1816‑0000‑ 000N00N427F P2 1830 2028 CXA1816‑0000‑ 000N00P227H CXA1816‑0000‑ 000N00P227G CXA1816‑0000‑ 000N00P227F 93 95 K2 1200 1337 27H CXA1816‑0000‑ 000N0YK227H 27G 27F CXA1816‑0000‑ 000N0YK227F K4 1290 1437 CXA1816‑0000‑ 000N0YK427H CXA1816‑0000‑ 000N0YK427G CXA1816‑0000‑ 000N0YK427F M2 1380 1537 CXA1816‑0000‑ 000N0YM227H CXA1816‑0000‑ 000N0YM227G CXA1816‑0000‑ 000N0YM227F fLuX ChArACtEristiCs, EAsyWhitE® orDEr CoDEs AnD bins (i f = 450 mA, tJ = 85 °C) - Continued |
Numéro de pièce similaire - CXA1816-0000-000N00N435H |
|
Description similaire - CXA1816-0000-000N00N435H |