Moteur de recherche de fiches techniques de composants électroniques |
|
CXA1510-0000-000F00J440F Fiches technique(PDF) 5 Page - Cree, Inc |
|
CXA1510-0000-000F00J440F Fiches technique(HTML) 5 Page - Cree, Inc |
5 / 27 page Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 5 XLamp® CXa1510 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 26). • Cree XLamp CXA1510 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. nominal CCt Cri Minimum Luminous flux 2-step 3-step 4-step Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* group order Code group order Code group order Code 5000 K 70 75 H4 970 1076 50H CXA1510-0000- 000F00H450H 50F CXA1510-0000- 000F00H450F J2 1040 1154 CXA1510-0000- 000F00J250H CXA1510-0000- 000F00J250F J4 1120 1243 CXA1510-0000- 000F00J450H CXA1510-0000- 000F00J450F 80 --- H4 970 1076 50H CXA1510-0000- 000F0HH450H 50G CXA1510-0000- 000F0HH450G 50H CXA1510-0000- 000F0HH450F J2 1040 1154 CXA1510-0000- 000F0HJ250H CXA1510-0000- 000F0HJ250G CXA1510-0000- 000F0HJ250F J4 1120 1243 CXA1510-0000- 000F0HJ450H CXA1510-0000- 000F0HJ450G CXA1510-0000- 000F0HJ450F 90 95 G2 780 866 50H CXA1510-0000- 000F0UG250H 50G CXA1510-0000- 000F0UG250G 50F CXA1510-0000- 000F0UG250F G4 840 932 CXA1510-0000- 000F0UG450H CXA1510-0000- 000F0UG450G CXA1510-0000- 000F0UG450F H2 900 999 CXA1510-0000- 000F0UH250H CXA1510-0000- 000F0UH250G CXA1510-0000- 000F0UH250F 4000 K 70 75 H4 970 1076 40H CXA1510-0000- 000F00H440H 40F CXA1510-0000- 000F00H440F J2 1040 1154 CXA1510-0000- 000F00J240H CXA1510-0000- 000F00J240F J4 1120 1243 CXA1510-0000- 000F00J440H CXA1510-0000- 000F00J440F 80 --- H4 970 1076 40H CXA1510-0000- 000F0HH440H 40G CXA1510-0000- 000F0HH440G 40F CXA1510-0000- 000F0HH440F J2 1040 1154 CXA1510-0000- 000F0HJ240H CXA1510-0000- 000F0HJ240G CXA1510-0000- 000F0HJ240F J4 1120 1243 CXA1510-0000- 000F0HJ440H CXA1510-0000- 000F0HJ440G CXA1510-0000- 000F0HJ440F 90 95 G2 780 866 40H CXA1510-0000- 000F0UG240H 40G CXA1510-0000- 000F0UG240G 40F CXA1510-0000- 000F0UG240F G4 840 932 CXA1510-0000- 000F0UG440H CXA1510-0000- 000F0UG440G CXA1510-0000- 000F0UG440F H2 900 999 CXA1510-0000- 000F0UH240H CXA1510-0000- 000F0UH240G CXA1510-0000- 000F0UH240F fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i f = 500 mA, tJ = 85 °C) - COntinued |
Numéro de pièce similaire - CXA1510-0000-000F00J440F |
|
Description similaire - CXA1510-0000-000F00J440F |