Moteur de recherche de fiches techniques de composants électroniques |
|
CXA1816-0000-000N00Q20E2 Fiches technique(PDF) 2 Page - Cree, Inc |
|
CXA1816-0000-000N00Q20E2 Fiches technique(HTML) 2 Page - Cree, Inc |
2 / 17 page 22 Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 2 XLamp® CXa1816 LED ChArACtEristiCs Characteristics unit Minimum typical Maximum Viewing angle (FWHM) degrees 115 ESD withstand voltage (HBM per Mil‑Std‑883D) v 8000 DC forward current mA 900* Reverse current mA 0.1 Forward voltage (450 mA, 85 °C) v 36.2 Forward voltage (450 mA, 25 °C) v 42 * Refer to the Operating Limits section. oPErAting LiMits The maximum current rating of the CXA1816 is dependent on the case temperature (Tc) when the LED has reached thermal equilibrium under steady‑state operation. The graph shown below assumes that the system design employs good thermal management (thermal interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions section on page 14 for the location of the Tc measurement point. CXA1816 0 100 200 300 400 500 600 700 800 900 1000 0 25 50 75 100 125 150 Case Temperature (°C) |
Numéro de pièce similaire - CXA1816-0000-000N00Q20E2 |
|
Description similaire - CXA1816-0000-000N00Q20E2 |