Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA220A Fiches technique(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

No de pièce SA220A
Description  Low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Site Internet  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

SA220A Fiches technique(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  SA220A Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd SA220A Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
500W SA Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 5-
http://www.jjwdz.com
MARKING & ORDERING INFORMATION
P ro d u c t T y p e
C a th o d e B a n d
S A
X X
C
A
(1 )
(2 )
(3 )
(4 )
(1 )S e rie s :5 0 0 w a tts s e rie s
(2 )R e v e rs e S ta n d -o ff V o lta g e
(3 )B i-d ire c tio n a l
(4 )5 % V B R V o lta g e to le ra n c e
L o g o
S A x x C A
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
Max.
Min.
Max.
1.000
25.40
0.228
0.027
0.118
0.300
0.035
0.140
5.80
0.69
3.00
7.62
0.89
3.60
-
-
A
B
A
Part Number
Case Type
Quantity
Packing Option
SAxxCA/A
DO-15/DO-204AC
2000
Box
Information furnished in this document is believed to be accurate and reliable. However, Jiangsu
JieJie Microelectronics Co.,Ltd assumes no responsibility for the consequences of use without
consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart from that when
an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents. Jiangsu
JieJie assumes no responsibility for any infringement of other rights of third parties which may
result from the use of such products and information.
This document is the first version which is made in 22-May.-2015. This document supersedes
and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
©2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


Numéro de pièce similaire - SA220A

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SA220A WTE-SA220A Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA220A PANJIT-SA220A Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA220A PANJIT-SA220A Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
MERITEK ELECTRONICS COR...
SA220A MERITEK-SA220A Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
Pan Jit International I...
SA220A PANJIT-SA220A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Description similaire - SA220A

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com