Moteur de recherche de fiches techniques de composants électroniques |
|
TIP107 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
TIP107 Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 7 page TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP) www.onsemi.com 3 Figure 1. Darlington Circuit Schematic BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 120 BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 120 ORDERING INFORMATION Device Package Shipping TIP100 TO−220 50 Units / Rail TIP100G TO−220 (Pb−Free) 50 Units / Rail TIP101 TO−220 50 Units / Rail TIP101G TO−220 (Pb−Free) 50 Units / Rail TIP102 TO−220 50 Units / Rail TIP102G TO−220 (Pb−Free) 50 Units / Rail TIP105 TO−220 50 Units / Rail TIP105G TO−220 (Pb−Free) 50 Units / Rail TIP106 TO−220 50 Units / Rail TIP106G TO−220 (Pb−Free) 50 Units / Rail TIP107 TO−220 50 Units / Rail TIP107G TO−220 (Pb−Free) 50 Units / Rail 80 0 0 20 40 60 80 100 120 160 Figure 2. Power Derating T, TEMPERATURE ( °C) 40 20 60 140 TC 4.0 0 2.0 1.0 3.0 TA TA TC |
Numéro de pièce similaire - TIP107 |
|
Description similaire - TIP107 |