Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856BDW Fiches technique(PDF) 6 Page - Yea Shin Technology Co., Ltd

No de pièce BC856BDW
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC856BDW Fiches technique(HTML) 6 Page - Yea Shin Technology Co., Ltd

  BC856BDW Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC856BDW Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC856BDW Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC856BDW Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC856BDW Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC856BDW Datasheet HTML 6Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
http://www.yeashin.com
6
REV.02 20120903
PACKAGE OUTLINE & DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.031
0.043
0.80
1.10
D
0.004
0.012
0.10
0.30
G
0.026 BSC
0.65 BSC
H
---
0.004
---
0.10
J
0.004
0.010
0.10
0.25
K
0.004
0.012
0.10
0.30
N
0.008 REF
0.20 REF
S
0.079
0.087
2.00
2.20
PIN 1. EMITTER 1
2. BASE 1
3. COLLECTOR 2
4.EMITTER 2
5. BASE 2
6.COLLECTOR 1
B
0.2 (0.008)
A
G
S
H
C
N
J
K
D6PL
6
5
4
1
2
3
- B -
M
M
0.5 mm (min)
1.9 mm
SC-88/SOT-363
BC85xBDW/CDW Series


Numéro de pièce similaire - BC856BDW

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BC856BDW WEITRON-BC856BDW Datasheet
1Mb / 6P
   PNP Dual General Purpose Transistors
logo
Nanjing International G...
BC856BDW DGNJDZ-BC856BDW Datasheet
971Kb / 4P
   SOT-363 Plastic-Encapsulate Transistors
logo
Leshan Radio Company
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
ON Semiconductor
BC856BDW1T1 ONSEMI-BC856BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
January, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC856BDW1T1 ETL-BC856BDW1T1 Datasheet
469Kb / 5P
   Dual General Purpose Transistors
More results

Description similaire - BC856BDW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com