Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-1004CA50I-I6T1U Fiches technique(PDF) 5 Page - Seiko Instruments Inc

No de pièce S-1004CA50I-I6T1U
Description  Release delay time accuracy
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1004CA50I-I6T1U Fiches technique(HTML) 5 Page - Seiko Instruments Inc

  S-1004CA50I-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1004CA50I-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_01
S-1004 Series
5
4. 2 S-1004 Series NB type
Output form: Nch open-drain output (Active "L")
Table 4
Detection Voltage
SOT-23-5
1.0 V
± 22 mV
S-1004NB10I-M5T1U
1.1 V
± 22 mV
S-1004NB11I-M5T1U
1.2 V
± 22 mV
S-1004NB12I-M5T1U
1.3 V
± 22 mV
S-1004NB13I-M5T1U
1.4 V
± 22 mV
S-1004NB14I-M5T1U
1.5 V
± 22 mV
S-1004NB15I-M5T1U
1.6 V
± 22 mV
S-1004NB16I-M5T1U
1.7 V
± 22 mV
S-1004NB17I-M5T1U
1.8 V
± 22 mV
S-1004NB18I-M5T1U
1.9 V
± 22 mV
S-1004NB19I-M5T1U
2.0 V
± 22 mV
S-1004NB20I-M5T1U
2.1 V
± 22 mV
S-1004NB21I-M5T1U
2.2 V
± 1.0%
S-1004NB22I-M5T1U
2.3 V
± 1.0%
S-1004NB23I-M5T1U
2.4 V
± 1.0%
S-1004NB24I-M5T1U
2.5 V
± 1.0%
S-1004NB25I-M5T1U
2.6 V
± 1.0%
S-1004NB26I-M5T1U
2.7 V
± 1.0%
S-1004NB27I-M5T1U
2.8 V
± 1.0%
S-1004NB28I-M5T1U
2.9 V
± 1.0%
S-1004NB29I-M5T1U
3.0 V
± 1.0%
S-1004NB30I-M5T1U
3.1 V
± 1.0%
S-1004NB31I-M5T1U
3.2 V
± 1.0%
S-1004NB32I-M5T1U
3.3 V
± 1.0%
S-1004NB33I-M5T1U
3.4 V
± 1.0%
S-1004NB34I-M5T1U
3.5 V
± 1.0%
S-1004NB35I-M5T1U
3.6 V
± 1.0%
S-1004NB36I-M5T1U
3.7 V
± 1.0%
S-1004NB37I-M5T1U
3.8 V
± 1.0%
S-1004NB38I-M5T1U
3.9 V
± 1.0%
S-1004NB39I-M5T1U
4.0 V
± 1.0%
S-1004NB40I-M5T1U
4.1 V
± 1.0%
S-1004NB41I-M5T1U
4.2 V
± 1.0%
S-1004NB42I-M5T1U
4.3 V
± 1.0%
S-1004NB43I-M5T1U
4.4 V
± 1.0%
S-1004NB44I-M5T1U
4.5 V
± 1.0%
S-1004NB45I-M5T1U
4.6 V
± 1.0%
S-1004NB46I-M5T1U
4.7 V
± 1.0%
S-1004NB47I-M5T1U
4.8 V
± 1.0%
S-1004NB48I-M5T1U
4.9 V
± 1.0%
S-1004NB49I-M5T1U
5.0 V
± 1.0%
S-1004NB50I-M5T1U


Numéro de pièce similaire - S-1004CA50I-I6T1U

FabricantNo de pièceFiches techniqueDescription
logo
ABLIC Inc.
S-1004CA50I-I6T1U ABLIC-S-1004CA50I-I6T1U Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
More results

Description similaire - S-1004CA50I-I6T1U

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
   Timers Delay on Release
logo
Carlo Gavazzi Holding A...
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
   Timers Delay on Release
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
   Timers Delay on Release
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Carlo Gavazzi Holding A...
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
   Timers Delay on Release
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
   Time Delay Relays
logo
Littelfuse
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
   Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com