Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1415410-7 Fiches technique(PDF) 1 Page - TE Connectivity Ltd

No de pièce 3-1415410-7
Description  Switching capacity 4000VA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1415410-7 Fiches technique(HTML) 1 Page - TE Connectivity Ltd

  3-1415410-7 Datasheet HTML 1Page - TE Connectivity Ltd 3-1415410-7 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 16A, 1 form A (NO) or 1 form B (NC) contact
n
Switching capacity 4000VA
n
Coil power 360mW
n
4kV/8mm coil-contact, insulation to VDE 0631 and 0700
n
Ambient temperature up to 125°C
n
Quick connect terminals for load side
n
WG version: Materials in accordance to IEC 60335-1
Typical applications
White goods appliances, oven control, electric heating, power supplies, air
conditioning, motors, magnetic valves
Approvals
VDE REG.-Nr. 3725, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO) or 1 form B (NC)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting making current,
form A contact, max. 4s, duty factor 10%
25A
Breaking capacity max.
4000VA
Contact material
AgNi, AgCdO
Frequency of operation, with/without load
600/36000h-1
Contact ratings
Type
Contact
Load
Cycles
IEC61810
410 63 … 001
A (NO)
16A, 250VAC resistive, 125°C
50x103
410 63 … 001
A (NO)
12A, 250VAC resistive, 125°C
200x103
410 63 … 001
A (NO)
16A, 250VAC resistive, 105°C
100x103
410 63 … 002
B (NC)
16A, 250VAC resistive, 125°C
50x103
410 63 … 005
A (NO)
16A, 250VAC resistive, 125°C
50x103
410 63 … 005
A (NO)
12A, 250VAC resistive, 125°C
200x103
410 63 … 005
A (NO)
16A, 250VAC resistive, 105°C
100x103
410 63 … 006
B (NC)
16A, 250VAC resistive, 125°C
50x103
Mechanical endurance
>1x106 operations
Coil Data
Coil voltage range
6 to 60VDC
Operative range, IEC 61810
1
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
054
6
3.6
0.45
100
360
053
9
5.5
0.68
230
352
050
12
7.3
0.9
400
360
046
24
14.6
1.8
1600
360
043
48
29.2
3.6
6400
360
042
60
36.5
4.5
10000
360
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Power Relay 41063 125°C
F0248-BA
Z
V


Numéro de pièce similaire - 3-1415410-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1415410-7 MACOM-3-1415410-7 Datasheet
431Kb / 2P
   Power Relay 41063 125째C
More results

Description similaire - 3-1415410-7

FabricantNo de pièceFiches techniqueDescription
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
   Switching capacity up
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
   Switching capacity 16A
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
   High switching capacity
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com