Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U.FL-LP(V)-N-2 Fiches technique(PDF) 2 Page - Hirose Electric

No de pièce U.FL-LP(V)-N-2
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP(V)-N-2 Fiches technique(HTML) 2 Page - Hirose Electric

  U.FL-LP(V)-N-2 Datasheet HTML 1Page - Hirose Electric U.FL-LP(V)-N-2 Datasheet HTML 2Page - Hirose Electric U.FL-LP(V)-N-2 Datasheet HTML 3Page - Hirose Electric U.FL-LP(V)-N-2 Datasheet HTML 4Page - Hirose Electric U.FL-LP(V)-N-2 Datasheet HTML 5Page - Hirose Electric U.FL-LP(V)-N-2 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
■Specifications
Nominal characteristic impedance
Frequency range
50 ohms
DC to 6 GHz
Operating temperature range
Storage temperature range
-40°C to +90°C
(90% RH max.)
-30°C to +70°C
(90% RH max.)
Ratings
Note1: N.FL Cable assembly (plug) is measured with SMA conversion
adapters mated with N.FL plugs at both ends of a 100cm coaxial
cable harness
Note2: N.FL receptacle, which is mounted on a 50 ohms glass epoxy
board, is measured with a SMA conversion adapter.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
■Materials / Finishes
●Plugs-Right Angle
Part
Material
Finish
Shell
Phosphor bronze
Silver plated
Female center contact
Phosphor bronze
Gold plated
Insulator
PBT
Color: Black, UL94V-0
Color: Gray, UL94HB(HF type)
●Receptacle
Part
Material
Finish
Shell
Phosphor bronze
Silver plated
Male center contact
Brass
Gold plated
Insulator
LCP
Color: Black, UL94V-0
Item
Specification
Conditions
1. Contact resistance
Center
contact: 25 m ohms max.
Outer
contact: 25 m ohms max.
10 mA max.
2. Insulation resistance
500 M ohms min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown
200V AC / 1 minute
4. V.S.W.R.(Note)
1.3max.
DC to 6GHz
5. Durability
Contact resistance
Center
contact: 30 m ohms max.
Outer
contact: 30 m ohms max.
No damage, cracks, or parts dislocation
20 cycles
6. Vibration
No electrical discontinuity of 1 µs or longer
No damage, cracks, or parts dislocation
Frequency: 10 to 100 Hz, single amplitude of 1.5 mm
Acceleration: 59 m/s2, in each of 3 axis
5 cycles
7. Shock
No electrical discontinuity of 1 µs or longer
No damage, cracks, or parts dislocation
Acceleration of 735 m/s2, 11 ms continuous time
Waveform: sine half-wave, 3 cycles in each of the 3 axis
8. Humidity
Insulation resistance: 100 M ohms min. (high humidity)
Insulation resistance: 500 M ohms min. (dry)
No damage, cracks, or parts dislocation
96 hours at +40°C, and humidity of 95%
9. Temperature cycle
No damage, cracks, or parts dislocation
Temperature:-40°C
/+5°C to +35°C/+90°C/+5°C to +35°C
Time: 30 min.
/ 5 min. max. / 30 min. / 5 min. max.
5 cycles
10. Salt spray test
No excessive corrosion
5% salt water solution, 48 hours
Note: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
* V.S.W.R. Measurement System
Measured as shown on the block diagram below.


Numéro de pièce similaire - U.FL-LP(V)-N-2

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
U.FL-LP(V)-N-2 HIROSE-U.FL-LP(V)-N-2 Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
More results

Description similaire - U.FL-LP(V)-N-2

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
   Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Hirose Electric
C.FL HIROSE-C.FL Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com