Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8-1440001-1 Fiches technique(PDF) 2 Page - TE Connectivity Ltd

No de pièce 8-1440001-1
Description  THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1440001-1 Fiches technique(HTML) 2 Page - TE Connectivity Ltd

  8-1440001-1 Datasheet HTML 1Page - TE Connectivity Ltd 8-1440001-1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
A
C
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
SHOULD BE CONTACTED FOR THE LATEST REVISION.
DIMENSIONS:
単位:
mm
MATERIAL
材料
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
4 PLC
3 PLC
2 PLC
1 PLC
0 PLC
±
±
±
±
±
FINISH
仕上
±
DWN
CHK
APVD
PRODUCT SPEC
APPLICATION SPEC
WEIGHT
製品規格
CUSTOMER DRAWING
NAME
SIZE
DRAWING NO
番号
A3 00779
CAGE CODE
SCALE
SHEET
OF
REV
尺度
名称
取付適用規格
±
A
B
C
32
1
LOC
DIST
REVISIONS
変更
APVD
DWN
DATE
ECN
LTR
P
4
C COPYRIGHT
BY TYCO ELECTRONICS CORPORATION.
RELEASED FOR PUBLICATION
THIS DRAWING IS UNPUBLISHED.
ALL RIGHTS RESERVED.
D
D
Tyco Electronics EC K.K.
Tochigi, Japan
DESCRIPTION
HH
RESTRICTED TO
-
-
-
-
-
-
4:1
2
2
ITEM
DESCRIPTION
3
1
2
MATERIAL
TREATMENT
INCOMBUSTIBILITY
a
1
1
4
5
6
7
8
9
10
11
12
13
14
CASE
1
1
1
1
1
STEEL
BOBBIN
COIL TERMINAL
MAGNETIC WIRE
YOKE
HINGE SPRING
CORE
ARMATURE
MOVABLE SPRING
MOVABLE CONTACT
STATIONARY CONTACT
STATIONARY TERMINAL
CARD
SEAL
PBT
CP WIRE
UEW
STEEL
PBS
STEEL
Cu ALLOY
Ag ALLOY
Cu ALLOY
Ag ALLOY
PA66
PBT
EPOXY RESIN
Ni PLATED
Cu-Ni PLATED
Cu-Ni PLATED
94V-0
94V-0
94V-0
2
2
2
2
2
AR
AR
1
1
1
1
1
1
1
2
2
2
2
2
AR
AR
1
1
1
1
1
1
1
2
2
2
2
2
AR
AR
1
1
1
1
1
1
1
2
2
2
2
2
AR
AR
1
1
1
1
1
1
1
2
2
2
2
2
AR
AR
b
c
d
e
a
ITEM
PART A
PART B
EC TYPE NAME
PART NO
RELAY TYPE
b
c
d
e
AR
AR
AR
AR
AR
15
UV SEAL
UV RESIN
OSA-SH-205DM5 ,600
OSA-SH-205DM5
5VDC
7-1440004-7
9VDC
OSA-SH-209DM5 ,600
OSA-SH-209DM5
7-1440001-9
12VDC
12VDC
OSA-SH-212DM5 ,600
OSA-SH-212DM5
8-1440001-1
OSA-SH-212DM5 ,600M
OSA-SH-212DM5
8-1440001-2
OSA-SH-224DM5 ,600M
OSA-SH-224DM5
24VDC
8-1440001-4
OSA-SH-DM5,600 ,600M
7-1440004-7
D
b
I
TV-3
5A 240VAC
5A
30VDC
TV-4
5A 240VAC
5A
30VDC
C
A
V
0
5
2
A
5
6
/
A
4
C
A
V
0
5
2
A
5
C
A
V
0
5
2
A
5
6
/
A
4
C
VIEW C
PART A
PART B
MADE IN CHINA
Lot No.
SEE DRAWING 3-1419124-9
D


Numéro de pièce similaire - 8-1440001-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
8-1440001-1 MACOM-8-1440001-1 Datasheet
207Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Description similaire - 8-1440001-1

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
C-2266100 TEC-C-2266100 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150281 TEC-C-2150281 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150291 TEC-C-2150291 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150300 TEC-C-2150300 Datasheet
3Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2266189 TEC-C-2266189 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150387 TEC-C-2150387 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150408 TEC-C-2150408 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150425 TEC-C-2150425 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150438 TEC-C-2150438 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150451 TEC-C-2150451 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2151121 TEC-C-2151121 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com