Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4867J Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
TDA4867J Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 14 page 2003 Feb 05 3 Philips Semiconductors Preliminary specification Full bridge current driven vertical deflection booster TDA4867J ORDERING INFORMATION BLOCK DIAGRAM TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION TDA4867J DBS9P plastic DIL-bent-SIL power package; 9 leads (lead length 12/11 mm); exposed die pad SOT523-1 handbook, full pagewidth AMPLIFIER A AMPLIFIER B 4 OUTB FEEDB 9 6 OUTA Rp Rref vertical deflection coil Idefl Rm PROTECTION INPUT STAGE FLYBACK GENERATOR 7 5 3 VP GND GUARD flyback voltage VFB GUARD CIRCUIT guard output or power save mode input 8 INP 1 INN 2 from e.g. TDA485x or SAA4856 TDA4867J MGU988 Fig.1 Block diagram. |
Numéro de pièce similaire - TDA4867J |
|
Description similaire - TDA4867J |