Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HB71-TVBDD Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HB71-TVBDD
Description  Green and Blue 5mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB71-TVBDD Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB71-TVBDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71-TVBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Avago Technologies
- 1 -
Description
The oval shaped radiation pattern and high luminous intensity
ensure that these devices are excellent for wide field of view
outdoor applications where a wide viewing angle and
readability in sunlight are essential. The package epoxy
contains both UV inhibitors to reduce the effects of long-term
exposure to direct sunlight.
Applications
Mono color signs
Features
Well-defined spatial radiation patterns
High brightness material
Available in green and blue color
Green InGaN 525 nm
Blue InGaN 470 nm
Superior resistance to moisture
Standoff and non stand-off package
Tinted and diffused
Typical viewing angle 40° x 100°
CAUTION
InGaN devices are Class 1C HBM ESD sensitive
per JEDEC Standard. Observe appropriate
precautions during handling and processing.
Refer to Application Note AN-1142 for additional
details.
HLMP-HM70/HM71, HLMP-HB70/HB71
Green and Blue 5mm Standard Oval LEDs
Data Sheet
Package Dimensions
A
B
CATHODE
LEAD
5.20
0.204
1.02
0.040
MAX.
0.70
0.028
MAX.
7.00
0.275
25.00
0.984
MIN.
SQ. TYP.
0.020 ±0.004
0.50 ±0.10
1.00
0.039
MIN.
2.54
0.10
3.80
0.150
CATHODE LEAD
5.20 ±0.20
0.205 ±0.008
10.45 ±0.50
0.41 ±0.020
7.00 ±0.20
0.276 ±0.008
1.30 ±0.20
0.051 ±0.008
1.02
0.040
MAX.
1.00
0.039
MIN.
24.00
0.945
MIN.
SQ TYP.
0.50 ±0.10
0.020 ±0.004
3.80 ±0.20
0.150 ±0.008
2.54 ±0.30
0.10 ±0.012
MEASURED AT BASE OF LENS.
Notes:
All dimensions in millimeters (inches).
Tolerance is ± 0.20 mm unless otherwise specified.


Numéro de pièce similaire - HLMP-HB71-TVBDD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB74 AVAGO-HLMP-HB74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HB75 AVAGO-HLMP-HB75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

Description similaire - HLMP-HB71-TVBDD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com