Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1046AW Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1046AW Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADP1046AW Datasheet HTML 2Page - Analog Devices ADP1046AW Datasheet HTML 3Page - Analog Devices ADP1046AW Datasheet HTML 4Page - Analog Devices ADP1046AW Datasheet HTML 5Page - Analog Devices ADP1046AW Datasheet HTML 6Page - Analog Devices ADP1046AW Datasheet HTML 7Page - Analog Devices ADP1046AW Datasheet HTML 8Page - Analog Devices ADP1046AW Datasheet HTML 9Page - Analog Devices ADP1046AW Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 6 of 88
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT SENSE 2 (CS2+, CS2−
PINS)
Input Voltage Range
VIN
Differential voltage from CS2+ to CS2−,
LSB = 29.297 μV
0
120
mV
Usable Input Voltage Range
0
110
mV
ADC Clock Frequency
1.56
MHz
Temperature Coefficient
120 mV Range
0 mV to 100 mV
78
ppm/°C
0 mV to 50 mV
70
ppm/°C
60 mV Range
0 mV to 50 mV
156
ppm/°C
0 mV to 25 mV
140
ppm/°C
Current Sense Measurement
120 mV Setting
0 mV to 110 mV
−2.1
+2.1
% FSR
−2.52
+2.52
mV
60 mV Setting
0 mV to 55 mV
−4.2
+4.2
% FSR
−5.04
+5.04
mV
Current Sense Measurement
Accuracy
With 0.01% level shifting resistors
120 mV Setting
0 mV to 100 mV, VDD = 3.3 V
−1.3
+1.3
% FSR
−1.08
+1.08
mV
60 mV Setting
0 mV to 55 mV, VDD = 3.3 V
−1.8
+1.8
% FSR
−2.16
+2.16
mV
Current Sense Measurement
Resolution
12
Bits
CS2 Accurate OCP Speed
2.62
5.24
ms
Current Sink (High Side)
2
mA
Current Source (Low Side)
200
μA
Common-Mode Voltage at the
CS2+ and CS2− Pins
To achieve CS2 measurement accuracy
0.8
1.0
1.4
V
OrFET PROTECTION (CS2+, CS2−)
Low-side and high-side current sensing
Fast OrFET Accuracy
−3 mV setting
+4.2
−2.6
−9.5
mV
−6 mV setting
+1.2
−5.9
−12.7
mV
−9 mV setting
−2.0
−9
−16.2
mV
−12 mV setting
−5.3
−12.5
−19.4
mV
−15 mV setting
−8
−15.5
−22
mV
−18 mV setting
−11.7
−19
−25.9
mV
−21 mV setting
−14.8
−22.1
−29.2
mV
−24 mV setting
−17.5
−25.3
−31.5
mV
Fast OrFET Speed
Debounce = 40 ns
110
150
ns
RTD TEMPERATURE SENSE
ADC Clock Frequency
1.56
MHz
Input Voltage Range
RTD to AGND
0
1.6
V
Usable Input Voltage Range
0
1.3
V
Source Current
Factory trimmed to 46 μA (Register 0x11
set to 0xE6)
44.35
46
47.65
µA
Current source set to 10 µA
9.25
10.1
10.85
µA
Current source set to 20 µA
18.35
20.1
21.85
µA
Current source set to 30 µA
28.45
30.2
31.95
µA
Current source set to 40 µA
38.45
40.3
41.95
µA
Source Current Fine Setting
See Register 0x11[5:0]
160
nA
RTD ADC
Register Update Rate
10
ms
Resolution
12
Bits


Numéro de pièce similaire - ADP1046AW

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A-100-EVALZ AD-ADP1046A-100-EVALZ Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-R7 AD-ADP1046AACPZ-R7 Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-RL AD-ADP1046AACPZ-RL Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

Description similaire - ADP1046AW

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com