Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HPR12K-00 Datasheet(Fiches technique) 2 Page - Emerson Network Power

Numéro de pièce HPR12K-00
Description  Connecting the input power cable, output load cable and communication wire according to the below figure.
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo 

   
 2 page
background image
Rev.06.09.10
HPR12K-00
2 of 6
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Technical Reference Note
3.1 Manual ON/OFF Operation
3. ON/OFF Operation (PSON#)
The DIP switch SW1 used turn on or off the PSU by manually. The PSU in SLOT1 is turn on when the CH1 of DIP switch
SW1 turn on. The other PSU see Table 1.
Note : DIP switch CH2 should be set to ON as a default. Incase if CH2 is set to off, Power supply is slot 1 will not turn on
even if CH1 is set to ON position.
Power Supplies
Status
PSU 1#
PSU 2#
PSU 3#
PSU 4#
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH8
ON
Down
Down
Down
Down
Down
Down
Down
Down
OFF
Up
Down
Up
Down
Up
Down
Up
Down
Note. The status Down means set to ON position. The status UP means set to OFF position.
Table 1 PSON# Switch Characteristics
Figure 1: DIP Switch for ON/OFF Operation
Figure 2: The SLOTs define of Rack




Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl