Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP709AQDBVRQ1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP709AQDBVRQ1
Description  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709AQDBVRQ1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TMP709AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Hysteresis
Control
Positive
Tempco
Reference
HYST
SET
Negative
Tempco
Reference
TMP709
R
SET
R
PULLUP
2.7 V to 5.5 V
OT
VCC
GND
Copyright © 2016, Texas Instruments Incorporated
7
TMP709-Q1
www.ti.com
SBOS829 – DECEMBER 2016
Product Folder Links: TMP709-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP709-Q1 is a fully-integrated, resistor-programmable temperature switch that incorporates two
temperature-dependent voltage references and one comparator. One voltage reference exhibits a positive
temperature coefficient (tempco), and the other voltage reference exhibits a negative tempco. The temperature at
which both voltage references are equal determines the temperature trip point.
The Functional Block Diagram shows the comparator, the NFET open-drain device connected to the OT pin, the
positive tempco reference using the external RSET resistor, the negative tempco reference, and the hysteresis
control. The voltage of the positive tempco reference is controlled by external resistor RSET.
7.2 Functional Block Diagram


Numéro de pièce similaire - TMP709AQDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

Description similaire - TMP709AQDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com