Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP709-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP709-Q1
Description  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP709-Q1 Datasheet HTML 7Page - Texas Instruments TMP709-Q1 Datasheet HTML 8Page - Texas Instruments TMP709-Q1 Datasheet HTML 9Page - Texas Instruments TMP709-Q1 Datasheet HTML 10Page - Texas Instruments TMP709-Q1 Datasheet HTML 11Page - Texas Instruments TMP709-Q1 Datasheet HTML 12Page - Texas Instruments TMP709-Q1 Datasheet HTML 13Page - Texas Instruments TMP709-Q1 Datasheet HTML 14Page - Texas Instruments TMP709-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SET
GND
OT
VCC
HYST
0.1 …F
RSET
VIA to ground plane
VIA to power plane
150
11
TMP709-Q1
www.ti.com
SBOS829 – DECEMBER 2016
Product Folder Links: TMP709-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The TMP709-Q1 low supply current and supply range allow this device to be powered from many sources. Any
significant noise on the VCC pin can result in a trip-point error. Minimize this noise by low-pass filtering the
device supply (VCC) using a 150-Ω resistor and a 0.1-μF capacitor.
10 Layout
10.1 Layout Guidelines
The TMP709-Q1 is extremely simple to lay out. Figure 7 shows the recommended board layout.
10.2 Layout Example
Figure 7. Recommended Layout
10.3 Thermal Considerations
The TMP709-Q1 quiescent current is typically 40 μA. The device dissipates negligible power when the output
drives a high-impedance load. Thus, the die temperature is the same as the package temperature. In order to
maintain accurate temperature monitoring, provide a good thermal contact between the TMP709-Q1 package
and the device being monitored. The rise in die temperature as a result of self-heating is given by Equation 2:
ΔTJ = PDISS × θJA
where
PDISS = power dissipated by the device.
θJA = package thermal resistance. Typical thermal resistance for SOT-23 package is 217.9°C/W.
(2)
To limit the effects of self-heating, keep the output current at a minimum level.


Numéro de pièce similaire - TMP709-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

Description similaire - TMP709-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com