Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1413 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce TC1413
Description  3A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button TC1413_15 Datasheet HTML 3Page - Microchip Technology TC1413_15 Datasheet HTML 4Page - Microchip Technology TC1413_15 Datasheet HTML 5Page - Microchip Technology TC1413_15 Datasheet HTML 6Page - Microchip Technology TC1413_15 Datasheet HTML 7Page - Microchip Technology TC1413_15 Datasheet HTML 8Page - Microchip Technology TC1413_15 Datasheet HTML 9Page - Microchip Technology TC1413_15 Datasheet HTML 10Page - Microchip Technology TC1413_15 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001392E-page 7
TC1413/TC1413N
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
.
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 16V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor is
chosen based on the capacitive load that is being
driven. A value of 1.0 µF is suggested.
3.2
Control Input (IN)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input has 300 mV of
hysteresis between the high and low thresholds which
prevents output glitching even when the rise and fall
time of the input signal is very slow.
3.3
CMOS Push-Pull Output
(OUT, OUT)
The MOSFET driver output is a low-impedance, CMOS
push-pull style output, capable of driving a capacitive
load with 3A peak currents.
3.4
Ground (GND)
The ground pins are the return path for the bias current
and for the high peak currents that discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
3.5
No Connect (NC)
No internal connection.
TABLE 3-1:
PIN FUNCTION TABLE
Pin
No.
TC1413
MSOP, PDIP, SOIC
TC1413N
MSOP, PDIP, SOIC
Description
1VDD
VDD
Supply input, 4.5V to 16V
2
IN
IN
Control input
3
NC
NC
No connection
4
GND
GND
Ground
5
GND
GND
Ground
6OUT
OUT
CMOS push-pull output, common to pin 7
7OUT
OUT
CMOS push-pull output, common to pin 6
8VDD
VDD
Supply input, 4.5V to 16V


Numéro de pièce similaire - TC1413_15

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Description similaire - TC1413_15

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com