Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14511B Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC14511B
Description  BCD-to-Seven Segment Latch/Decoder/Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14511B Fiches technique(HTML) 3 Page - ON Semiconductor

  MC14511B_14 Datasheet HTML 1Page - ON Semiconductor MC14511B_14 Datasheet HTML 2Page - ON Semiconductor MC14511B_14 Datasheet HTML 3Page - ON Semiconductor MC14511B_14 Datasheet HTML 4Page - ON Semiconductor MC14511B_14 Datasheet HTML 5Page - ON Semiconductor MC14511B_14 Datasheet HTML 6Page - ON Semiconductor MC14511B_14 Datasheet HTML 7Page - ON Semiconductor MC14511B_14 Datasheet HTML 8Page - ON Semiconductor MC14511B_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC14511B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
°C
25
°C
125
°C
Unit
Min
Max
Min
Typ
(Note 4)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.1
9.1
14.1
4.1
9.1
14.1
4.57
9.58
14.59
4.1
9.1
14.1
Vdc
Input Voltage #
“0” Level
(VO = 3.8 or 0.5 Vdc)
(VO = 8.8 or 1.0 Vdc)
(VO = 13.8 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 3.8 Vdc)
(VO = 1.0 or 8.8 Vdc)
(VO = 1.5 or 13.8 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Voltage
(IOH = 0 mA)
Source
(IOH = 5.0 mA)
(IOH = 10 mA)
(IOH = 15 mA)
(IOH = 20 mA)
(IOH = 25 mA)
(IOH = 0 mA)
(IOH = 5.0 mA)
(IOH = 10 mA)
(IOH = 15 mA)
(IOH = 20 mA)
(IOH = 25 mA)
(IOH = 0 mA)
(IOH = 5.0 mA)
(IOH = 10 mA)
(IOH = 15 mA)
(IOH = 20 mA)
(IOH = 25 mA)
VOH
5.0
4.1
3.9
3.4
4.1
3.9
3.4
4.57
4.24
4.12
3.94
3.70
3.54
4.1
3.5
3.0
Vdc
10
9.1
9.0
8.6
9.1
9.0
8.6
9.58
9.26
9.17
9.04
8.90
8.70
9.1
8.6
8.2
Vdc
15
14.1
14
13.6
14.1
14
13.6
14.59
14.27
14.18
14.07
13.95
13.70
14.1
13.6
13.2
Vdc
Output Drive Current
(VOL = 0.4 V)
Sink
(VOL = 0.5 V)
(VOL = 1.5 V)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
mAdc
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current
(Per Package) Vin = 0 or VDD,
Iout = 0 mA
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Notes 5 & 6)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.9 mA/kHz) f + IDD
IT = (3.8 mA/kHz) f + IDD
IT = (5.7 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Noise immunity specified for worst−case input combination.
Noise Margin for both “1” and “0” level =
1.0 Vdc min @ VDD = 5.0 Vdc
2.0 Vdc min @ VDD = 10 Vdc
2.5 Vdc min @ VDD = 15 Vdc
5. The formulas given are for the typical characteristics only at 25
°C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + 3.5 x 10–3 (CL – 50) VDDf
where: IT is in mA (per package), CL in pF, VDD in Vdc, and f in kHz is input frequency.


Numéro de pièce similaire - MC14511B_14

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14511BCL MOTOROLA-MC14511BCL Datasheet
130Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
ON Semiconductor
MC14511BCP ONSEMI-MC14511BCP Datasheet
221Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14511BCP MOTOROLA-MC14511BCP Datasheet
130Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
ON Semiconductor
MC14511BCP ONSEMI-MC14511BCP Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
MC14511BCPG ONSEMI-MC14511BCPG Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
More results

Description similaire - MC14511B_14

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com