Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14069UBDR2G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC14069UBDR2G
Description  Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14069UBDR2G Fiches technique(HTML) 2 Page - ON Semiconductor

  MC14069UBDR2G Datasheet HTML 1Page - ON Semiconductor MC14069UBDR2G Datasheet HTML 2Page - ON Semiconductor MC14069UBDR2G Datasheet HTML 3Page - ON Semiconductor MC14069UBDR2G Datasheet HTML 4Page - ON Semiconductor MC14069UBDR2G Datasheet HTML 5Page - ON Semiconductor MC14069UBDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC14069UB
http://onsemi.com
2
Figure 1. Logic Diagram
Figure 2. Circuit Schematic
13
11
9
5
3
1
12
10
8
6
4
2
VDD = PIN 14
VSS = PIN 7
VDD
VSS
OUTPUT
INPUT*
*Double diode protection on all inputs not shown
Figure 3. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
VSS
7
INPUT
OUTPUT
CL
14
20 ns
20 ns
VDD
VSS
VOH
VOL
tTHL
tTLH
OUTPUT
INPUT
tPHL
tPLH
90%
50%
10%
90%
50%
10%
(1/6 of circuit shown)
ORDERING INFORMATION
Device
Package
Shipping
MC14069UBDG
SOIC−14
(Pb−Free)
55 Units / Rail
NLV14069UBDG*
SOIC−14
(Pb−Free)
55 Units / Rail
MC14069UBDR2G
SOIC−14
(Pb−Free)
2500 Units / Tape & Reel
NLV14069UBDR2G*
SOIC−14
(Pb−Free)
2500 Units / Tape & Reel
MC14069UBDTR2G
TSSOP−14
(Pb−Free)
2500 Units / Tape & Reel
NLV14069UBDTR2G*
TSSOP−14
(Pb−Free)
2500 Units / Tape & Reel
MC14069UBFELG
SOEIAJ−14
(Pb−Free)
2000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Numéro de pièce similaire - MC14069UBDR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14069UBDR2G ONSEMI-MC14069UBDR2G Datasheet
145Kb / 7P
   Hex Inverter
October, 2006 ??Rev. 8
MC14069UBDR2G ONSEMI-MC14069UBDR2G Datasheet
135Kb / 7P
   Hex Inverter
June, 2011 ??Rev. 9
More results

Description similaire - MC14069UBDR2G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com