Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14093B Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14093B
Description  Quad 2-Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14093B Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14093B_14 Datasheet HTML 1Page - ON Semiconductor MC14093B_14 Datasheet HTML 2Page - ON Semiconductor MC14093B_14 Datasheet HTML 3Page - ON Semiconductor MC14093B_14 Datasheet HTML 4Page - ON Semiconductor MC14093B_14 Datasheet HTML 5Page - ON Semiconductor MC14093B_14 Datasheet HTML 6Page - ON Semiconductor MC14093B_14 Datasheet HTML 7Page - ON Semiconductor MC14093B_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14093B
http://onsemi.com
5
Figure 3. Typical Output Source
Characteristics Test Circuit
VDS, DRAIN VOLTAGE (Vdc)
-10
-8.0
-6.0
-4.0
-2.0
0
0
-2.0
-4.0
-6.0
-8.0
-10
Figure 4. Typical Output Sink
Characteristics Test Circuit
VDS, DRAIN VOLTAGE (Vdc)
0
2.0
4.0
6.0
8.0
10
10
8.0
6.0
4.0
2.0
0
14
7
VGS
Vout
IOH
All unused inputs
connected to ground.
All unused inputs
connected to ground.
14
7
Vout
IOL
VGS
VDD
0
0VDD
VT-
VT+
VH
Vin, INPUT VOLTAGE (Vdc)
Figure 5. Typical Transfer Characteristics
VGS = -5.0 Vdc
c
b
a
c
b
c
b
a
a
-15 Vdc
-10 Vdc
aTA = -55°C
bTA = +25°C
bTA = +125°C
a
b c
a
b
c
a
b
c
5.0 Vdc
aTA = -55°C
bTA = +25°C
cTA = +125°C
15 Vdc
VGS = 10 Vdc


Numéro de pièce similaire - MC14093B_14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14093BCP ONSEMI-MC14093BCP Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BCP ONSEMI-MC14093BCP Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC14093BCPG ONSEMI-MC14093BCPG Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC14093BD ONSEMI-MC14093BD Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BD ONSEMI-MC14093BD Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
More results

Description similaire - MC14093B_14

FabricantNo de pièceFiches techniqueDescription
logo
AVG Semiconductors(HITE...
DV74ACT158 AVG-DV74ACT158 Datasheet
321Kb / 4P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74AHC157 NXP-74AHC157 Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Fairchild Semiconductor
74ACT158 FAIRCHILD-74ACT158 Datasheet
91Kb / 8P
   Quad 2-Input Multiplexer
MM74HC157 FAIRCHILD-MM74HC157 Datasheet
69Kb / 7P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157 ONSEMI-74VHC157 Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Nexperia B.V. All right...
74HCT157-Q100 NEXPERIA-74HCT157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
74HCT157 NEXPERIA-74HCT157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
logo
Renesas Technology Corp
HD74AC157 RENESAS-HD74AC157 Datasheet
105Kb / 8P
   Quad 2-Input Multiplexer
logo
Texas Instruments
CY54FCT157T TI-CY54FCT157T_01 Datasheet
302Kb / 11P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
logo
Fairchild Semiconductor
74ACT158 FAIRCHILD-74ACT158_05 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com