Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1825A-SP Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC1825A-SP
Description  Class-V, Radiation Hardened High-Speed PWM Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1825A-SP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC1825A-SP_16 Datasheet HTML 2Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 3Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 4Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 5Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 6Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 7Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 8Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 9Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
UC1825A-SP
SLUS873C – JANUARY 2009 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: UC1825A-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Parameters ensured by design and/or characterization, if not production tested.
7.5 Electrical Characteristics
TA = –55°C to 125°C, RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE, VREF
VO
Ouput voltage
TJ = 25°C, IO = 1 mA
5.05
5.1
5.15
V
Line regulation
12 V
≤ VCC ≤ 20 V
2
15
mV
Load regulation
1 mA
≤ IO ≤ 10 mA
5
20
mV
Total output variation
Line, load, temperature
5.03
5.17
V
Temperature stability(1)
T(min) < TA < T(max)
0.2
0.4
mV/°C
Output noise voltage
10 Hz < f < 10 kHz
50
μVRMS
Short circuit current
VREF = 0 V
30
60
90
mA
OSCILLATOR
fOSC
Initial accuracy(1)
TJ = 25°C
375
400
425
kHz
RT = 6.6 kΩ, CT = 220 pF, TA = 25°C
0.9
1
1.1
MHz
Total variation(1)
Line, temperature
350
450
kHz
RT = 6.6 kΩ, CT = 220 pF
0.82
1.18
MHz
Voltage stability
12 V < VCC < 20 V
1%
Temperature stability
T(min) < TA < T(max)
±5%
High-level output voltage, clock
3.7
4
V
Low-level output voltage, clock
0
0.2
V
Ramp peak
2.6
2.8
3
V
Ramp valley
0.7
1
1.25
V
Ramp valley-to-peak
1.55
1.8
2
V
IOSC
Oscillator discharge current
RT = OPEN, VCT = 2 V
8.5
10
11
mA
ERROR AMPLIFIER
Input offset voltage
2
10
mV
Input bias current
0.6
3
μA
Input offset current
0.1
1
μA
Open loop gain
1 V < VO < 4 V
60
95
dB
CMRR
Common mode rejection ratio
1.5 V < VCM < 5.5 V
75
95
dB
PSRR
Power supply rejection ratio
12 V < VCC < 20 V
85
110
dB
IO(sink)
Output sink current
VEAOUT = 1 V
1
2.5
mA
IO(src)
Output source current
VEAOUT = 4 V
–0.5
–1.3
mA
High-level output voltage
IEAOUT = –0.5 mA
4.5
4.7
5
V
Low-level output voltage
IEAOUT = –1 mA
0
0.5
1
V
Gain bandwidth product(1)
f = 200 kHz
6
12
MHz
Slew rate(1)
5
7
V/μs
PWM COMPARATOR
IBIAS
Bias current, RAMP
VRAMP = 0 V
–1
–8
μA
Minimum duty cycle
0%
Maximum duty cycle
85%
tLEB
Leading edge blanking time
RLEB = 2 kΩ, CLEB = 470 pF
300
375
450
ns
RLEB
Leading edge blanking resistance
VCLK/LEB = 3 V
8.5
10
11.5
k
VZDC
Zero DC threshold voltage, EAOUT
VRAMP = 0 V
1.10
1.25
1.4
V
tDELAY
Delay-to-output time(1)
VEAOUT = 5-V to 0-V step
50
120
ns


Numéro de pièce similaire - UC1825A-SP_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
More results

Description similaire - UC1825A-SP_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1846-SP TI1-UC1846-SP_16 Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Intersil Corporation
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
   Radiation Hardened High-Speed, Dual Output PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com