Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4360-4BCP Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADF4360-4BCP
Description  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4360-4BCP Fiches technique(HTML) 4 Page - Analog Devices

  ADF4360-4BCP Datasheet HTML 1Page - Analog Devices ADF4360-4BCP Datasheet HTML 2Page - Analog Devices ADF4360-4BCP Datasheet HTML 3Page - Analog Devices ADF4360-4BCP Datasheet HTML 4Page - Analog Devices ADF4360-4BCP Datasheet HTML 5Page - Analog Devices ADF4360-4BCP Datasheet HTML 6Page - Analog Devices ADF4360-4BCP Datasheet HTML 7Page - Analog Devices ADF4360-4BCP Datasheet HTML 8Page - Analog Devices ADF4360-4BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrA
07/03
ADF4360-2
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although the ADF4360 family features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high-energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICEÎ
TIMINGCHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Units
Test Conditions/Comments
t1
20
ns min
LE Set Up Time
t2
10
ns min
DATA to CLOCK Set Up Time
t3
10
ns min
DATA to CLOCK Hold Time
t4
25
ns min
CLOCK High Duration
t5
25
ns min
CLOCK Low Duration
t6
10
ns min
CLOCK to LE Set Up Time
t7
20
ns min
LE Pulse Width
(AVDD = DVDD = VVCO = +3.3V ± 10%; AGND = DGND = 0 V; 1.8V and 3V Logic Levels Used; TA =
TMIN to TMAX unless otherwise noted)
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS1, 2
(T
A = +25°C unless otherwise noted)
AVDD to GND
3...................................–0.3 V to +3.9 V
AVDD to DVDD ...................................–0.3 V to +0.3 V
VVCO to GND......................................–0.3 V to +3.9 V
VVCO to AVDD ......................................–0.3 V to +0.3 V
Digital I/O Voltage to GND..........–0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND..........–0.3 V to VDD + 0.3 V
REFIN, to GND............................–0.3 V to VDD + 0.3 V
OperatingTemperature Range
Maximum Junction Temperature........................+150°C
CSP
θ
JA Thermal Impedance
(Paddle Soldered).......................................50°C/W
(Paddle Not Soldered).................................88°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)......................................+215°C
Infrared (15 sec)............................................+220°C
1 . Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device.
This is a stress rating only and
functional operation of the device at these or any other conditions above
those listed in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
2 . This device is a high-performance RF integrated circuit with an ESD
rating of < 1kV and it is ESD sensitive. Proper precautions should be
taken for handling and assembly.
3 . GND = AGND = DGND = 0V
TRANSISTOR COUNT
12543 (CMOS) and 700 (Bipolar)
t
6
t
7
CLOCK
DB23
(MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DATA
LE
LE
DB0 (LSB)
(CONTROL BIT C1)
t
2
t
3
t
4
t
5
t
1


Numéro de pièce similaire - ADF4360-4BCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4360-4BCP AD-ADF4360-4BCP Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPRL AD-ADF4360-4BCPRL Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPRL7 AD-ADF4360-4BCPRL7 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPZ AD-ADF4360-4BCPZ Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPZ AD-ADF4360-4BCPZ Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
More results

Description similaire - ADF4360-4BCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com