Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7920CV Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L7920CV
Description  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7920CV Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L7920CV Datasheet HTML 2Page - STMicroelectronics L7920CV Datasheet HTML 3Page - STMicroelectronics L7920CV Datasheet HTML 4Page - STMicroelectronics L7920CV Datasheet HTML 5Page - STMicroelectronics L7920CV Datasheet HTML 6Page - STMicroelectronics L7920CV Datasheet HTML 7Page - STMicroelectronics L7920CV Datasheet HTML 8Page - STMicroelectronics L7920CV Datasheet HTML 9Page - STMicroelectronics L7920CV Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
L7900 SERIES
6/16
ELECTRICAL CHARACTERISTICS OF L7915C (refer to the test circuits, TJ = 0 to 125°C, VI = -23V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS OF L7918C (refer to the test circuits, TJ = 0 to 125°C, VI = -27V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-14.4
-15
-15.6
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -18.5 to -30 V
-14.3
-15
-15.7
V
∆V
O(*)
Line Regulation
VI = -17.5 to -30 V
TJ = 25°C
300
mV
VI = -20 to -26 V
TJ = 25°C
150
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
300
mV
IO = 250 to 750 mA
TJ = 25°C
150
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -18.5 to -30 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.9
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
250
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.3
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-17.3
-18
-18.7
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -22 to -33 V
-17.1
-18
-18.9
V
∆V
O(*)
Line Regulation
VI = -21 to -33 V
TJ = 25°C
360
mV
VI = -24 to -30 V
TJ = 25°C
180
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
360
mV
IO = 250 to 750 mA
TJ = 25°C
180
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -22 to -33 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
300
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.1
A


Numéro de pièce similaire - L7920CV

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L7920CV STMICROELECTRONICS-L7920CV Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7920CV STMICROELECTRONICS-L7920CV Datasheet
379Kb / 24P
   Negative voltage regulators
L7920CV STMICROELECTRONICS-L7920CV Datasheet
824Kb / 24P
   Negative voltage regulators
More results

Description similaire - L7920CV

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com