Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38RFxx Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DAC38RFxx
Description  Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RFxx Fiches technique(HTML) 1 Page - Texas Instruments

  DAC38RFxx Datasheet HTML 1Page - Texas Instruments DAC38RFxx Datasheet HTML 2Page - Texas Instruments DAC38RFxx Datasheet HTML 3Page - Texas Instruments DAC38RFxx Datasheet HTML 4Page - Texas Instruments DAC38RFxx Datasheet HTML 5Page - Texas Instruments DAC38RFxx Datasheet HTML 6Page - Texas Instruments DAC38RFxx Datasheet HTML 7Page - Texas Instruments DAC38RFxx Datasheet HTML 8Page - Texas Instruments DAC38RFxx Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3 – DECEMBER 2016
DAC38RFxx: Dual- or Single-Channel, Single-Ended or Differential-Output,
14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
1
1 Features
1
14-Bit Resolution
Maximum DAC Sample Rate: 9 GSPS
Key Specifications:
RF Full Scale Output Power at 2.1 GHz:
DAC38RF80/90/84: 2 dBm
DAC38RF83/93/85: 4 dBm (with 2:1 balun)
Spectral Performance:
fDAC = 5898.24 MSPS, fOUT = 2.14 GHz
WCDMA ACLR: 74 dBc
WCDMA alt-ACLR: 80 dBc
fDAC = 8847.36 MSPS, fOUT = 3.7 GHz
20 MHz LTE ACLR: 66 dBc
fDAC = 9 GSPS, fOUT = 1.8 GHz, –6 dBFS
IMD3 = 70 dBc
NSD = -154 dBc/Hz
Dual-Band Digital Upconverter per DAC
Max Input Rate: 1 Band: 1250 MSPS
Complex, 2 bands: 625 MSPS Complex Each
6, 8, 10, 12, 16, 18, 20 or 24x Interpolation
4 Independent NCOs with 48-Bit Resolution
JESD204B Interface
Subclass 1 Support for Multi-chip
Synchronization
Maximum Lane Rate: 12.5 Gbps
Single-Ended Output with Integrated Balun
(DAC38RF80/90/84) Covering 700–3800 MHz
Internal PLL and VCO with Bypass
fC(VCO) = 5.9 or 8.9 GHz
Power Dissipation: 1.4 – 2.2 W/ch
Power Supplies: –1.8 V, 1 V, 1.8 V
Package: 10 x 10 mm BGA, 0.8 mm Pitch, 144-
Balls
2 Applications
Wireless Communications
Radar
Communications Test Equipment
Arbitrary Waveform Generators
Military Software Defined Radio
Satellite Communications (SATCOM)
3 Description
The DAC38RFxx is a family of high-performance,
dual/single-channel, 14-bit, 9-GSPS, RF-sampling
digital-to-analog converters (DACs) that are capable
of synthesizing wideband signals from 0 to 4.5 GHz.
A high dynamic range allows the DAC38RFxx family
to generate 3G/4G signals for wireless basestations
with an output frequency up to 4 GHz.
The devices feature a low-power JESD204B Interface
with up to 8 lanes, and provides a maximum bit rate
of 12.5 Gbps and input sample rate of 1.23 GSPS
complex per channel. The DAC38RFxx provides two
digital
upconverters
per
DAC,
with
multiple
interpolation rates and a digital quadrature modulator
with
independent,
frequency
flexible
NCOs.
An
optional low-jitter PLL/VCO simplifies the DAC clock
generation by allowing use of a lower frequency
reference clock.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC38RF83
FCBGA (144)
10.0 mm x 10.0 mm
DAC38RF93
DAC38RF85
DAC38RF80
DAC38RF90
DAC38RF84
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 x 20 MHz LTE at 1.84 GHz and 2.14 GHz,
800 MHz Span


Numéro de pièce similaire - DAC38RFxx

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RFXX TI1-DAC38RFXX Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RFXX TI1-DAC38RFXX Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
More results

Description similaire - DAC38RFxx

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com