Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6GH-2409SH30Z Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM6GH-2409SH30Z
Description  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6GH-2409SH30Z Fiches technique(HTML) 2 Page - AIMTEC

  AM6GH-2409SH30Z Datasheet HTML 1Page - AIMTEC AM6GH-2409SH30Z Datasheet HTML 2Page - AIMTEC AM6GH-2409SH30Z Datasheet HTML 3Page - AIMTEC AM6GH-2409SH30Z Datasheet HTML 4Page - AIMTEC AM6GH-2409SH30Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM6GH-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.A
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
Capacitor
Transient recovery time
250
µs
Transient Response deviation
3.3 & 5 V output
±3
±5
%
Start up time
30
ms
Absolute Maximum Rating
24 Vin
48 Vin
-0.7-50
-0.7-100
VDC
On / Off Control
ON – high impedance or open;
OFF – 2-4mA input current through 1KΩ (standby 2.5mA max)
Input reflected ripple current*
24Vin
48Vin
20
40
mA p-p
* The input reflected ripple current should be measured with connected 12μH inductor and 47μF input capacitor (ESR<1Ω at 100 KHz)
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
> 1000
MOhm
Capacitance
50
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual)
1st output 25% to 100%, 2nd
output 100%
±5
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Line voltage regulation
LL~HL
±0.2
%
Load voltage regulation
(0 to 100% load) Single
(0 to 100% load) 3V, 5V, & Dual
±0.5
±1.0
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
125
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
580
KHz
Operating temperature
Derating Chart at +71
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
+100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic
Potting material
epoxy (UL94V-0 rated)
Pin Material
C5191R-H Solder coated
Weight
4.8
g
Dimensions (L X W X H)
0.86 x 0.36 x 0.44 inch
21.85 x 9.20 x 11.10 mm
MTBF
>TBD hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)


Numéro de pièce similaire - AM6GH-2409SH30Z

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM6GH-2409SZ AIMTEC-AM6GH-2409SZ Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
More results

Description similaire - AM6GH-2409SH30Z

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com