Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6G-0505SZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM6G-0505SZ
Description  6 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6G-0505SZ Fiches technique(HTML) 2 Page - AIMTEC

  AM6G-0505SZ Datasheet HTML 1Page - AIMTEC AM6G-0505SZ Datasheet HTML 2Page - AIMTEC AM6G-0505SZ Datasheet HTML 3Page - AIMTEC AM6G-0505SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM6G-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
2 of 4
North America only
Models
Dual output
Model
Input
Voltage
(V)
Output Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
(%)
AM6G-0505DZ
4.5-9
±5
±600
1500
±2000
81
AM6G-0512DZ
4.5-9
±12
±250
1500
±900
84
AM6G-0515DZ
4.5-9
±15
±200
1500
±660
84
AM6G-1205DZ
9-18
±5
±600
1500
±2000
82
AM6G-1212DZ
9-18
±12
±250
1500
±900
84
AM6G-1215DZ
9-18
±15
±200
1500
±660
84
AM6G-2405DZ
18-36
±5
±600
1500
±2000
82
AM6G-2412DZ
18-36
±12
±250
1500
±900
84
AM6G-2415DZ
18-36
±15
±200
1500
±660
84
AM6G-4805DZ
36-75
±5
±600
1500
±2000
82
AM6G-4812DZ
36-75
±12
±250
1500
±900
84
AM6G-4815DZ
36-75
±15
±200
1500
±660
85
AM6G-0505DH30Z
4.5-9
±5
±600
3000
±2000
81
AM6G-0512DH30Z
4.5-9
±12
±250
3000
±900
84
AM6G-0515DH30Z
4.5-9
±15
±200
3000
±660
84
AM6G-1205DH30Z
9-18
±5
±600
3000
±2000
82
AM6G-1212DH30Z
9-18
±12
±250
3000
±900
84
AM6G-1215DH30Z
9-18
±15
±200
3000
±660
84
AM6G-2405DH30Z
18-36
±5
±600
3000
±2000
82
AM6G-2412DH30Z
18-36
±12
±250
3000
±900
84
AM6G-2415DH30Z
18-36
±15
±200
3000
±660
84
AM6G-4805DH30Z
36-75
±5
±600
3000
±2000
82
AM6G-4812DH30Z
36-75
±12
±250
3000
±900
84
AM6G-4815DH30Z
36-75
±15
±200
3000
±660
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
48
4.5-9
9-18
18-36
36-75
VDC
Filter
Capacitor
Transient recovery time
500
µs
Transient Response deviation
3.3 & 5 V output
±3
±5
%
Start up time
30
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
48 Vin
-0.7-15
-0.7-25
-0.7-50
-0.7-100
VDC
On/Off Control
ON – high impedance or open;
OFF – 2-4mA input current through 1KΩ (standby 2.5mA max)
Input reflected ripple current*
See Application Test Circuit
20
mA p-p
* The input reflected ripple current should be measured with connected 12μH inductor and 47μF input capacitor (ESR<1Ω at 100 KHz)
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
> 1000
MOhm
Capacitance
50
pF


Numéro de pièce similaire - AM6G-0505SZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM6G-0505SZ AIMTEC-AM6G-0505SZ Datasheet
225Kb / 4P
   Continuous Short circuit protection
More results

Description similaire - AM6G-0505SZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com