Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90614ESF-DCF-000-TU Fiches technique(PDF) 5 Page - Melexis Microelectronic Systems

No de pièce MLX90614ESF-DCF-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-DCF-000-TU Fiches technique(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90614ESF-DCF-000-TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-DCF-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 5 of 52
Data Sheet
Rev 009
June 29, 2015
6 Pin definitions and descriptions
Figure 2: Pin description
Pin Name
Function
SCL / Vz
Serial clock input for 2 wire communications protocol. 5.7V zener is available at this
pin for connection of external bipolar transistor to MLX90614Axx to supply the device
from external 8 …16V source.
SDA / PWM
Digital input / output. In normal mode the measured object temperature is available at
this pin Pulse Width Modulated.
In SMBus compatible mode the pin is automatically configured as open drain NMOS.
VDD
External supply voltage.
VSS
Ground. The metal can is also connected to this pin.
Table 2: Pin description MLX90614
Note: for +12V (+8…+16V) powered operation refer to the Application information section. For EMC and
isothermal conditions reasons it is highly recommended not to use any electrical connection to the metal can
except by the VSS pin.
With the SCL / Vz and PWM / SDA pins operated in 2-wire interface mode, the input Schmidt trigger function is
automatically enabled.
Bottom view
2 - SDA / PWM
4 - VSS
3 - VDD
1 - SCL / Vz


Numéro de pièce similaire - MLX90614ESF-DCF-000-TU

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MLX90614ESF-DAA ETC2-MLX90614ESF-DAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-DAA MELEXIS-MLX90614ESF-DAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-DAB ETC2-MLX90614ESF-DAB Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-DAB MELEXIS-MLX90614ESF-DAB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-DAC ETC2-MLX90614ESF-DAC Datasheet
808Kb / 40P
   Single and Dual Zone
More results

Description similaire - MLX90614ESF-DCF-000-TU

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com