Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90808LUFCBA-002WB Fiches technique(PDF) 6 Page - Melexis Microelectronic Systems

No de pièce MLX90808LUFCBA-002WB
Description  Integrated Relative and Absolute Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90808LUFCBA-002WB Fiches technique(HTML) 6 Page - Melexis Microelectronic Systems

  MLX90808LUFCBA-002WB Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90808LUFCBA-002WB Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90808LUFCBA-002WB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90808LUFCBA-002WB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90808LUFCBA-002WB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90808LUFCBA-002WB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90808LUFCBA-002WB Datasheet HTML 7Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MLX90807/90808
Integrated Relative and Absolute Pressure Sensors
Rev 003
Page 6 of 7
Data Sheet
3901090808
Feb/12
5. General Description
This chip integrates a pressure sensor and the associated signal conditioning on the same die. The supply
voltage VDD directly supplies the pressure sensor.
The pressure sensing element consists of a square diaphragm realized in the silicon chip by backside
etching. Due to its small thickness this diaphragm reacts to a pressure difference at both of its side by
cambering. The internal strain increases, in particular at the border of the diaphragm. Here, the piezo-
resistive elements have been implanted into the silicon diaphragm, which act as transducer.
Four resistors are placed in a Wheatstone-bridge configuration at the four borders of the square diaphragm.
A chopped instrumentation stage amplifies the differential output signal of the sensor. The gain of this
amplifier can be adjusted with 3 bits. After the input stage, there is a 3 bit programmable coarse offset which
is followed by a differential to single-ended conversion. The reference voltage for this stage is generated by a
10 bit DAC and varies linearly with temperature in order to perform the offset and offset drift compensation. A
digital hardware multiplier calculates this compensation. The temperature signal, serving as input for this
multiplier, is generated from the ADC of the output signal of the internal temperature sensor.
The chopped signal is demodulated with a switched capacitor stage. The buffered output serves as reference
for a 10 bit DAC to perform the span and span drift compensation. The DAC is controlled by the digital part.
Finally the signal is given out by a class AB rail-to-rail amplifier capable of sourcing and sinking large
currents.
A calibration of the transfer function using 3 temperature points and 2-point pressure points per temperature
can be performed to achieve an error less than ±1% over the complete pressure and temperature range (the
output error is referred to the output span).
PTC (Programming Through Connector) protocol is used to perform calibration.
The programming of the sensor chip is carried out via the analog connections (i.e. supply, ground, signal out).
No additional pins are necessary for calibration. Melexis delivers all required hardware and software to
perform the calibration of the MLX90807 and MLX90808.
For more information on how to perform the calibration of the MLX90807/90808 consult the following
documents:
AN PTC 90807
Multi Sensor Calibration Board
AN Advanced Calibration 90807 90808
Software User Manual MLX90807 PTC04
6. Application Information
Only 3 pins are used in the application (Vdd, Vss, Out).
Calibration and Programming is made through the application pins.
Only a capacitor on the supply and output lines are necessary.


Numéro de pièce similaire - MLX90808LUFCBA-002WB

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90808LUF-2 MELEXIS-MLX90808LUF-2 Datasheet
165Kb / 8P
   Absolute Integrated Pressure Sensor
More results

Description similaire - MLX90808LUFCBA-002WB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
logo
Melexis Microelectronic...
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90808 MELEXIS-MLX90808 Datasheet
165Kb / 8P
   Absolute Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
   Integrated, Absolute Pressure Sensor
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
   MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com