Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92221LUA-AAA-005 Fiches technique(PDF) 8 Page - Melexis Microelectronic Systems

No de pièce MLX92221LUA-AAA-005
Description  2-Wire Hall Effect Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92221LUA-AAA-005 Fiches technique(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX92221LUA-AAA-005 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92221LUA-AAA-005 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MLX92221-AAA
2-Wire Hall Effect Latch
390109224100 Rev. 1
Page 8 of 14
June/13
7 Performance Graphs
7.1 IOFFLow vs. TJ
7.2 IOFFHigh vs. TJ
7.5 ION vs. TJ
7.4 IOFFLow vs. VDD
7.5 IOFFHigh vs. VDD
7.6 ION vs. VDD
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
-40
-20
0
20
40
60
80
100
120
140
160
Ioff, Vdd = 2.7V
Ioff, Vdd = 24V
4.5
5
5.5
6
6.5
7
-40
-20
0
20
40
60
80
100
120
140
160
Ioff, Vdd = 2.7V
Ioff, Vdd = 24V
12.8
13.3
13.8
14.3
14.8
15.3
15.8
-40
-20
0
20
40
60
80
100
120
140
160
Ion, Vdd = 2.7V
Ion, Vdd = 24V
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
2
6
10
14
18
22
26
Ioff, Temp = -40degC
Ioff, Temp = 150 degC
4.5
5
5.5
6
6.5
7
2
6
10
14
18
22
26
Ioff, Temp = -40degC
Ioff, Temp = 150 degC
13
13.2
13.4
13.6
13.8
14
14.2
14.4
14.6
14.8
15
2
6
10
14
18
22
26
Ion, Temp = -40degC
Ion, Temp = 150 degC


Numéro de pièce similaire - MLX92221LUA-AAA-005

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92221LUA-AAA MELEXIS-MLX92221LUA-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
More results

Description similaire - MLX92221LUA-AAA-005

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com