Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92231LUA-AAA-xxx-BU Fiches technique(PDF) 10 Page - Melexis Microelectronic Systems

No de pièce MLX92231LUA-AAA-xxx-BU
Description  3-Wire Hall Effect Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92231LUA-AAA-xxx-BU Fiches technique(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX92231LUA-AAA-xxx-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92231LUA-AAA-xxx-BU Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MLX92231-AAA-xxx
3-Wire Hall Effect Switch
390109223101 – REV 2
Page 10 of 12
Sept/14
12 Package Information
12.1 SE (TSOT-3L) Package Information
2.75 BSC
1.60 BSC
0.88
+0.02
- 0.03
1.00 MAX
0.075
+0.025
- 0.050
SEATING PLANE
0.575 REF.
0.40
+/-0.10
0.50 BSC
WITH PLATING
~
BASE METAL
SECTION B-
B’
B
B’
Notes:
1. All dimensions are in millimeters
2. Outermost plastic extreme width does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed 0.15mm
per side.
3. Outermost plastic extreme length does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed 0.25mm
per side.
4. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess of the
lead width dimension at maximum material condition.
5. Dimension is the length of terminal for soldering to a substrate.
6. Dimension on SECTION B-
B’ applies to the flat section of the lead
between 0.08mm and 0.15mm from the lead tip.
7. Formed lead shall be planar with respect to one another with
0.076mm at seating plane.
Marking:
31xx
see note 2
see note 5
12° REF.
TYP.
0.35
+0.05
- 0.10
0.30
0.45
0.10 R.
MIN.
+/-4
0.10 R.
MIN.
see note 6
SEATING PLANE
TOP VIEW
END VIEW
SIDE VIEW
Hall plate location
Notes:
1. All dimensions are in millimeters
TOP VIEW
END VIEW
Package line
1.51
0.28
SE Pin
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
OUT
Output
Open Drain output pin
3
GND
Ground
Ground pin
Table 1: SE Package pinout


Numéro de pièce similaire - MLX92231LUA-AAA-xxx-BU

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232 MELEXIS-MLX92232 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-001-RE MELEXIS-MLX92232LSE-AAA-001-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
More results

Description similaire - MLX92231LUA-AAA-xxx-BU

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
APS11500 ALLEGRO-APS11500 Datasheet
1Mb / 22P
   Two-Wire Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com