Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90807 Fiches technique(PDF) 3 Page - Melexis Microelectronic Systems

No de pièce MLX90807
Description  Integrated Relative and Absolute Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90807 Fiches technique(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90807_12 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 7Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev 003
3901090808
2 Absolute Maximum Ratings
Parameter
Supply Voltage (overvoltage)
Supply Voltage (operating)
Supply Current, IDD with VDD = 16 V
Output Voltage, Vout
Supply current with output shorted to 0V .. 16V
Supply Current limit, reverse polarity
Programming Temperature Range (ZAP cells
Operating Temperature Range
Storage Temperature Range
Burst Pressure (versions AA-0 CA-1, CB-2,
CC-3) Front side exposed
Burst Pressure (versions CD-4) Front side
exposed
ESD Sensitivity (AEC Q100 002)
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage.
rated conditions for extended periods may affect device reliability.
3 Die Information
Die front side description.
MLX90807/90808
Integrated Relative and Absolute Pressure Sensor
Page 3 of 7
atings
Symb
ol
Min Value
Max Value
Units
VDD
-14
16
V
VDD
4.5
5.5
V
IDD
25
mA
Vout
-0.5
16
V
Supply current with output shorted to 0V .. 16V IDD
100
mA
IDD
160
mA
(ZAP cells)
TP
-20
100
°C
TA
-40
150
°C
TS
- 50
150
°C
5x the
maximum full
scale of that
version
3x the
maximum full
scale of that
version
-2
2
kV
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute
rated conditions for extended periods may affect device reliability.
MLX90807/90808
Integrated Relative and Absolute Pressure Sensors
Data Sheet
Feb/12
Exposure to absolute-maximum-


Numéro de pièce similaire - MLX90807_12

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90807LUF MELEXIS-MLX90807LUF Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
More results

Description similaire - MLX90807_12

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
logo
Melexis Microelectronic...
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90808 MELEXIS-MLX90808 Datasheet
165Kb / 8P
   Absolute Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
   Integrated, Absolute Pressure Sensor
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
   MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com