Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90807 Fiches technique(PDF) 1 Page - Melexis Microelectronic Systems

No de pièce MLX90807
Description  Integrated Relative and Absolute Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90807 Fiches technique(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90807_12 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90807_12 Datasheet HTML 7Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MLX90807/90808
Integrated Relative and Absolute Pressure Sensors
Rev 003
Page 1 of 7
Data Sheet
3901090808
Feb/12
Features and Benefits
Compact monolithic (single die) solution
Absolute and Relative pressure sensors
for different ranges
Fully programmable through the connector
with OTP memory
Fully automotive compliant (overvoltage,
reverse voltage, broken tracks and
broken membrane diagnostics)
Fully automotive qualified beyond
AEC-Q100 requirements
Rail-to-Rail ratiometric analog output
proportional to the applied pressure
Application Examples
Automotive applications:
Engine management: MAP/TMAP, Barometers
Fuel management: Fuel vapour, Fuel delivery,
CNG/LPG
Braking systems: brake boosters
Oil pressure: engine, transmission
Filter control
HVAC systems
Home appliance applications:
Washing machines, Dish washers, Boilers
Home HVAC systems
Medical applications
Respirators
Blood pressure monitoring
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
MLX90807
L
UF
AAA-000
WB
MLX90807
L
UF
CAA-001
WB
MLX90807
L
UF
CBA-002
WB
MLX90807
L
UF
CCA-003
WB
MLX90807
L
UF
CDA-004
WB
MLX90808
L
UF
CAA-001
WB
MLX90808
L
UF
CBA-002
WB
MLX90808
L
UF
CCA-003
WB
MLX90808
L
UF
CDA-004
WB
Legend:
Product Code:
MLX90808=>absolute pressure sensor,
MLX90807=>relative pressure sensor
Temperature Code:
L for Temperature Range -40°C to 150°C
Package Code:
UF for Die on Foil
Option Code:
MLX90807LUF-AAA-000 = 0.06 – 0.14 Bar Full Span
MLX90807LUF-CAA-001 = 0.4 – 2 Bar Full Span
MLX90807LUF-CBA-002 = 2 – 8 Bar Full Span
MLX90807LUF-CCA-003 = 8 – 15 Bar Full Span
MLX90807LUF-CDA-004 = 15 – 45 Bar Full Span
MLX90808LUF-CAA-001 = 0.6 – 3 Bar Full Span
MLX90808LUF-CBA-002 = 3 – 8 Bar Full Span
MLX90808LUF-CCA-003 = 8 – 15 Bar Full Span
MLX90808LUF-CDA-004 = 15 – 45 Bar Full Span
Packing Form:
WB for Waferbox
Ordering example:
MLX90320LFR-BBA-000-RE


Numéro de pièce similaire - MLX90807_12

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90807LUF MELEXIS-MLX90807LUF Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
More results

Description similaire - MLX90807_12

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
logo
Melexis Microelectronic...
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90808 MELEXIS-MLX90808 Datasheet
165Kb / 8P
   Absolute Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
   Integrated, Absolute Pressure Sensor
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
   MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com