Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92231LSE-AAA-007 Fiches technique(PDF) 7 Page - Melexis Microelectronic Systems

No de pièce MLX92231LSE-AAA-007
Description  3-Wire Hall Effect Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92231LSE-AAA-007 Fiches technique(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX92231LSE-AAA-007 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92231LSE-AAA-007 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MLX92231-AAA-xxx
3-Wire Hall Effect Switch
390109223101 – REV 2
Page 7 of 12
Sept/14
7 Detailed General Description
Based on mixed signal CMOS technology, Melexis MLX92231 is a Hall-effect device with a pre-programmed
magnetic threshold. It allows using generic magnets, weak magnets or larger air gap.
The chopper-stabilized amplifier uses switched capacitor techniques to suppress the offset generally observed with
Hall sensors and amplifiers. The CMOS technology makes this advanced technique possible and contributes to
smaller chip size and lower current consumption than bipolar technology. The small chip size is also an important
factor to minimize the effect of physical stress.
This combination results in more stable magnetic characteristics and enables faster and more precise design.
The operating voltage from 2.7V to 24V, pre-programmed tc and an
operating temperature range according to “L”
specification make this device suitable for automotive, industrial and consumer low voltage applications.
The output signal is open-drain type. Such output allows simple connectivity with TTL or CMOS logic by using a pull-
up resistor tied between a pull-up voltage and the device output
8 Latching Characteristic
The MLX92231-AAA exhibits bipolar magnetic switching characteristics.
OUT = High
Flux density
Output level
B
OP
B
RP
0mT
OUT = Low
Latch characteristic
Typically, the device behaves as a latch with symmetric
operating and release switching points (BOP=|BRP|).
A bipolar switch is closely operating as a latch as it requires
both magnetic poles to turn the output ON and OFF. However ,
magnetic parameters limits are defined so that the magnetic
memory is not guaranteed. In absence of magnetic field, the
output could keep or change its state depending on the
operating conditions.


Numéro de pièce similaire - MLX92231LSE-AAA-007

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232 MELEXIS-MLX92232 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92232LSE-AAA-001-RE MELEXIS-MLX92232LSE-AAA-001-RE Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
More results

Description similaire - MLX92231LSE-AAA-007

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
APS11500 ALLEGRO-APS11500 Datasheet
1Mb / 22P
   Two-Wire Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com