Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92251LSE Fiches technique(PDF) 3 Page - Melexis Microelectronic Systems

No de pièce MLX92251LSE
Description  Dual Hall Effect Latch with Speed & Direction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92251LSE Fiches technique(HTML) 3 Page - Melexis Microelectronic Systems

  MLX92251LSE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92251LSE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MLX92251LSE
Dual Hall Effect Latch with Speed & Direction
390109225103
Page 3 of 13
Datasheet
Rev 002
April/13
3 Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
TSOT
Thin Small Outline Transistor (TSOT package) – also referred with the Melexis
package code “SE”
ESD
Electro-Static Discharge
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
+27
V
Supply Current
IDD
+20
mA
Reverse Supply Voltage
VDDREV
-27
V
Reverse Supply Current
IDDREV
-20
mA
Output Voltage
VOUT
+27
V
Output Current
IOUT
+20
mA
Reverse Output Voltage
VOUTREV
-0.5
V
Reverse Output Current
IOUTREV
-50
mA
Operating Temperature Range
TA
-40 to +150
C
Storage Temperature Range
TS
-55 to +165
C
Maximum Junction Temperature
TJ
+165
C
ESD Sensitivity – HBM
(1)
-
2500
V
ESD Sensitivity – CDM
(2)
-
1000
V
Magnetic Flux Density
B
Unlimited
mT
Table 1. Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
__________________
1
Human Body Model according AEC-Q100-002 standard.
2
Charged Device Model according AEC-Q100-011 standard.


Numéro de pièce similaire - MLX92251LSE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92251LSE-AAA-000-RE MELEXIS-MLX92251LSE-AAA-000-RE Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
MLX92251LSE-ABA-000-RE MELEXIS-MLX92251LSE-ABA-000-RE Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
More results

Description similaire - MLX92251LSE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Honeywell Solid State E...
SS520 HONEYWELL-SS520 Datasheet
72Kb / 4P
   Dual Hall-effect Digital Position Sensors with speed & direction outputs
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
   Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com