Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2D-0512SH30Z Fiches technique(PDF) 8 Page - AIMTEC

No de pièce AM2D-0512SH30Z
Description  2 Watt | DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0512SH30Z Fiches technique(HTML) 8 Page - AIMTEC

Back Button AM2D-0512SH30Z Datasheet HTML 3Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 4Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 5Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 6Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 7Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 8Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 9Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 10Page - AIMTEC AM2D-0512SH30Z Datasheet HTML 11Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
8 of 11
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-26.4
48
43.2-52.8
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
0-7
VDC
12 Vin
0-15
24 Vin
0-28
48 Vin
0-54
Peak Input Voltage time
100
ms
Input Reflected Ripple Current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60sec
1000, 3000, 4000, 5200, 6000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance
Dual output
±1
%
Short Circuit protection
Momentary (1sec).
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
Load 20~100%
±10
%
Load voltage regulation (Single)
3.3V output model
Load 20~100%
±20
%
Load voltage regulation (Dual)
Load 20~100%
±10
%
Load voltage regulation (Dual) 3.3V
output model
Load 20~100%
±20
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
Capacitive load
Single output
470
μF
Dual output
220
μF
Rising time
100
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
85
KHz
Operating temperature
Full Load
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
+95
oC
Cooling
Free air convection
Humidity
90
%
Case material
Plastic UL94-VO
Weight
2.5
g
Dimensions (L x W x H)
0.76 x 0.24 x 0.37 inch
19.50 x 6.00 x 9.50 mm
MTBF
>1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified


Numéro de pièce similaire - AM2D-0512SH30Z

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2D-0512SH30Z AIMTEC-AM2D-0512SH30Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
More results

Description similaire - AM2D-0512SH30Z

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com