Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90809LXGEAD-000RE Fiches technique(PDF) 3 Page - Melexis Microelectronic Systems

No de pièce MLX90809LXGEAD-000RE
Description  Relative Pressure Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90809LXGEAD-000RE Fiches technique(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90809LXGEAD-000RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90809LXGEAD-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MLX90809
Relative Pressure Sensor
Rev 002
Page 3 of 11
Data Sheet
390109080901
Oct/14
5 Pin Definitions and Descriptions
YYWW
MLXVVVVV-vvv
ZZZZZZZZZZ
Symbol
Function / Description
VVVVV-vvv
Device used- design revision
YY
Year of assembly
WW
Calendar week of assembly
ZZZZZZZZZZ
Wafer lot number
YYWW
MLXVVVVV-vvv
ZZZZZZZZZZ
YYWW
MLXVVVVV-vvv
ZZZZZZZZZZ
Symbol
Function / Description
VVVVV-vvv
Device used- design revision
YY
Year of assembly
WW
Calendar week of assembly
ZZZZZZZZZZ
Wafer lot number
YYWW
MLXVVVVV-vvv
ZZZZZZZZZZ
YYWW
MLXVVVVV-vvv
ZZZZZZZZZZ
Symbol
Function / Description
VVVVV-vvv
Device used- design revision
YY
Year of assembly
WW
Calendar week of assembly
ZZZZZZZZZZ
Wafer lot number
YYWW
MLXVVVVV-vvv
ZZZZZZZZZZ
Figure 1: Package marking and pin out (Top view: left; Bottom view: right)
Pin number
Description
Pin number
Description
1
SENT output
16
SENT output
2
SENT output
15
SENT output
3
Supply Input
14
Supply Input
4
Test pin
13
Test pin
5
Not connected
12
Not connected
6
Ground
11
Ground
7
Analog output
10
Analog output
8
Analog output
9
Analog output
Table 2: Pin out definitions and descriptions
Only one of the application pins needs to be connected: one of the Supply Input pins (3 or 14), one of the
Ground pins (6 or 11) and one of the selected (either analog (7,8,9,10) or SENT(1,2,15,16)) output pins. See
section 9 for the detailed information on the application pins connections.
Symbol
Function / Description
VVVVV-vvv
Device used- design revision
YY
Year of assembly
WW
Calendar week of assembly
ZZZZZZZZZZ
Wafer lot number
Table 3: Package label definition


Numéro de pièce similaire - MLX90809LXGEAD-000RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90809 MELEXIS-MLX90809 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
More results

Description similaire - MLX90809LXGEAD-000RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com