Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX91206LDCCAH-004TU Fiches technique(PDF) 10 Page - Melexis Microelectronic Systems

No de pièce MLX91206LDCCAH-004TU
Description  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-004TU Fiches technique(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX91206LDCCAH-004TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX91206LDCCAH-004TU Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 10
Datasheet MLX91206
Rev 043
April 2016
11 Programmable items
11.1 Parameter table
Customers can re-program the parameters described in the table below by using the Melexis PTC-04
hardware and the Product Specific Functions (PSF) libraries provided by Melexis. We recommend using the
latest version of the PSF and the latest version of the firmware with a communication speed of 10kbps
(limited by a maximum output capacitor of 50nF). Software and firmware are available on the softdist platform
(see contact details on page 25 to request an account).
Parameter
Bits
Factory Setting
Comment
DSPMODE
1
0
Selection analog or PWM output
OUTMODE
1
1
Capacitive load selection in analog mode
N/A
Push pull or open drain output drive in PWM mode
DIAGINFAULT
1
0
Output impedance setting
REFEDGE
1
0
Not used in analog mode
Diagnostic level & reference edge
SWITCH
1
N/A
Not used in analog mode
0
PWM or SWITCH output selection
PLATEPOL(1)
1
0
Change of sensitivity sign
ROUGHGAIN
3
Trimmed
Rough gain preamplifier
FINEGAIN
10
Trimmed
Fine gain from 0.4 to 1.0 in analog mode
13
Trimmed
Fine gain from -3.999 to +3.999 in PWM mode
XA
12
Trimmed
Offset compensation VOQ in analog mode
14
Trimmed
Digital offset in PWM mode
YA
9
N/A
Not used in analog mode
32
Rough offset compensation in PWM mode
CLAMPLOW
3
Trimmed
Clamping low level in analog mode
N/A
Not used in PWM mode
CLAMPHIGH
3
Trimmed
Clamping high level in analog mode
2
Clamping high and low level for PWM output
FILTCODE
3
0
Analog filter in analog mode
4
2
Digital filter in PWM mode
OUTSLOPE
2
3
Power limitation of the output driver on high frequencies in analog
mode
Output slope control for PWM mode
DCDEF
1
0
Not used in analog mode
1
PWM duty cycle definition
RATIODIS(1)
1
0/1(2)
Enable/Disable ratiometry between output signal and supply
N/A
Not used in PWM mode
TC1ST
7
Trimmed
Sensitivity temperature drift correction first order
TC2ND_COLD
5
Trimmed
Sensitivity temperature drift correction second order for cold
temperatures
TC2ND_HOT
5
Trimmed
Sensitivity temperature drift correction second order for hot
temperatures
OFFDRIFT_COLD
6
Trimmed
Offset temperature drift correction for cold temperatures
OFFDRIFT_HOT
6
Trimmed
Offset temperature drift correction for hot temperatures
MLXID
48
Programmed
MLX ID
CSTID
17
N/A
Customer ID
Table 92: Customer programmable items
(1): Changing these parameters has an impact on temperature calibration. (2): Default value is 1 only for CAH-021 version.


Numéro de pièce similaire - MLX91206LDCCAH-004TU

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Description similaire - MLX91206LDCCAH-004TU

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com