Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX91204KDCABA-001RE Fiches technique(PDF) 10 Page - Melexis Microelectronic Systems

No de pièce MLX91204KDCABA-001RE
Description  360 Degrees Hi-Speed Rotary Position Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91204KDCABA-001RE Fiches technique(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX91204KDCABA-001RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91204KDCABA-001RE Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MLX91204
360 Degrees Hi-Speed Rotary Position Sensor
(Sine/Cosine)
3901091204
Page 10 of 11
Data Sheet
Rev 003
16/Jan/12
11.2 Pinout and Marking
11.3 Hall Plate Positioning
1.85
2.15
1.96
2.26
0.41 +/- 0.05


Numéro de pièce similaire - MLX91204KDCABA-001RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003RE MELEXIS-MLX91205KDCAAH-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003TU MELEXIS-MLX91205KDCAAH-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003RE MELEXIS-MLX91205KDCAAL-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003TU MELEXIS-MLX91205KDCAAL-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
More results

Description similaire - MLX91204KDCABA-001RE

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Vishay Siliconix
601-1045 VISHAY-601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
ams AG
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
   360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com