Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90819 Fiches technique(PDF) 7 Page - Melexis Microelectronic Systems

No de pièce MLX90819
Description  Relative Integrated Pressure Sensor Datasheet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90819 Fiches technique(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90819 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MLX90819
Datasheet
Page 7 of 11
REVISION 3 – OCTOBER 20, 2016
3901090819
9. General Electrical Specifications
DC Operating Parameters T = -40°C to 150°C, VDD = 5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
(4)
Max
Units
Nominal Supply Voltage
VDD
4.5
5
5.5
V
Nominal Supply Current
IDD
No output load connected
7
8
mA
Load Resistance
RLOAD
Pull-up or Pull-down
4.7
kΩ
Capacitive Load
CLOAD
2.2
470
nF
Diagnostic Limits
diag_lo
Pull-
up ≥ 4.7kΩ
2
%VDD
diag_hi
Pull-
up ≥ 4.7kΩ
Pull-
up ≥ 10kΩ
96
98
%VDD
Clamping Levels
(5)
clamp_lo
0
25
%VDD
clamp_hi
50
100
%VDD
Analog Saturation Output
Level
vsat_lo
Depending on the load
configuration
0
2
%VDD
vsat_hi
97
100
%VDD
Power Up Time
(6)
5.5
ms
Response Time
(7)
1
ms
Ratiometricity Error
0.2
%VDD
Analog Output noise
(8)
2
mVrms
SENT Output noise
(8)
1.8
LSBrms
Table 5: General electrical specification
4
Typical values are defined at TA = +25ºC and VDD = 5V
5 Programmable range with 8 bits resolution for the low clamping level and 9 bits resolution for the high clamping level (See application note 90819
Advanced Configuration Settings for detailed information)
6 Time from reaching the minimum allowed supply voltage of 4.5V till having the output within specification
7 Time needed for the output to react to a pressure change from 10% to 90% of its final value (pressure change corresponding to maximum a 4V
output change) using default filter settings SSF=1, PFLT = 0 (See application note 90819 Advanced Configuration Settings for detailed inform ation)
8 Bandwidth limited to 50kHz. Using default filter settings SSF = 1, PFLT = 0.


Numéro de pièce similaire - MLX90819

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90815 MELEXIS-MLX90815 Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90815LUFACA-000WB MELEXIS-MLX90815LUFACA-000WB Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816LUFABA-000WB MELEXIS-MLX90816LUFABA-000WB Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
More results

Description similaire - MLX90819

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
   Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com