Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92211LSE-AAA-000-RE Fiches technique(PDF) 4 Page - Melexis Microelectronic Systems

No de pièce MLX92211LSE-AAA-000-RE
Description  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211LSE-AAA-000-RE Fiches technique(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92211LSE-AAA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211LSE-AAA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MLX92211-AxA
3-Wire Hall Effect Latch
390109221101
Page 4 of 13
Datasheet
Rev. 007
www.melexis.com
Jan/15
5 General Electrical Specifications
DC Operating Parameters TA = -40°C to 150°C, VDD = 2.7V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
(1)
Max
Units
Supply Voltage
VDD
Operating
2.7
-
24
V
Supply Current
IDD
1.5
3.0
4.5
mA
Reverse Supply Current
IDDREV
VDD = -18V
1
mA
Output Leakage Current
IOFF
VOUT = 12V, VDD = 12V, B < Brp
0.1
10
µA
Output Saturation Voltage
VDSon
B > BOP, VDD = 3.8 to 18V, IOUT =
20mA
0.2
0.5
V
Output Rise Time
(2)
(RPU dependent)
tR
VDD = 12V, VPU
(3) = 5V, R
PU = 1kΩ
CLOAD = 50pF to GND
0.1
0.3
1
µs
Output Fall Time
(2)
(On-chip controlled)
tF
VDD = 12V, VPU = 5V, RPU = 1kΩ
CLOAD = 50pF to GND
0.1
0.3
1
µs
Output Current Limit
ICL
B > BOP, VDD=3.8 to 18V, VOUT = 12V
22
40
70
mA
Output ON Time under Current
Limit conditions
(4)
tCLON
B > BOP, VPU = 12V, RPU = 100Ω
150
240
µs
Output OFF Time under Current
Limit conditions
(4)
tCLOFF
B > BOP, VPU = 12V, RPU = 100Ω
3.5
ms
Chopping Frequency
fCHOP
340
kHz
Output Refresh Period
(2)
tPER
6
µs
Delay time
(2,5)
tD
Average over 1000 successive
switching events @10kHz, square
wave with B≥30mT, tRISE=tFALL≤20μs
6
µs
Output Jitter (p-p)
(2, 6)
tJITTER
Over 1000 successive switching
events @1kHz, square wave with
B≥30mT, tRISE=tFALL ≤100μs
±3
µs
Maximum Switching Frequency
(2,7)
fSW
B
≥30mT and square wave magnetic
field
30
50
kHz
Power-On Time
(8,9)
tON
VDD = 5V, dVDD/dt > 2V/us
16
35
μs
Under-voltage Lockout Threshold
VUVL
2.2
2.4
2.7
V
Under-voltage Lockout Reaction
time
(2)
tUVL
1
µs
Thermal Protection Threshold
(10)
TPROT
Junction temperature
185
°C
Thermal Protection Release
(10)
TREL
Junction temperature
170
°C
SE Package Thermal Resistance
RTH
Single layer (1S) Jedec board
300
°C/W
UA Package Thermal Resistance
RTH
Single layer (1S) Jedec board
200
°C/W
Table 1: Electrical specifications
1 Typical values are defined at T
A = +25°C and VDD = 12V, unless otherwise specified
2 Guaranteed by design and verified by characterization, not production tested
3 R
PU and VPU are respectively the external pull-up resistor and pull-up power supply
4 If the Output is in Current Limitation longer than t
CLON the Output is switched off in high-impedance state. The Output returns back in active state at next reaching of BOP or after
tCLOFF time interval
5 The Delay Time is the time from magnetic threshold reached to the start of the output switching
6 Output jitter is the unpredictable deviation of the Delay time
7 Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses
8 The Power-On Time represents the time from reaching V
DD = VPOR to the first refresh of the output (first valid output state)
9 Power-On Slew Rate is not critical for the proper device start-up
10 T
PROT and TREL are the corresponding junction temperature values.


Numéro de pièce similaire - MLX92211LSE-AAA-000-RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92211LSE-BAA-xxx-RE MELEXIS-MLX92211LSE-BAA-xxx-RE Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
More results

Description similaire - MLX92211LSE-AAA-000-RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com