Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92212LSE-AAA-000-RE Fiches technique(PDF) 1 Page - Melexis Microelectronic Systems

No de pièce MLX92212LSE-AAA-000-RE
Description  3-Wire Hall Effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92212LSE-AAA-000-RE Fiches technique(HTML) 1 Page - Melexis Microelectronic Systems

  MLX92212LSE-AAA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MLX92212LSE
3-Wire Hall Effect Latch / Switch
390109221203 – REV 2
Page 1 of 12
Oct/13
Features and Benefits
 Low voltage supply : from 2.5V to 5.5V
 Chopper-stabilized amplifier stage
 Low power switch: 2.1mA
 Wide temperature range: -40
C to 150C
 Automotive qualified: AEC-Q100
 Optimized ESD performance: 8kV
 Designed for standalone PCB applications
 Thin SOT23 3L Green Compliant package
Application Examples
 Automotive, Consumer and Industrial
 BLDC motor commutation
 Solid-state Latch
 Low power applications
 Index counting
 Electrical power steering
Ordering Information
Part No.
Temperature Code
Package Code
Comment
MLX92212LSE-AAA-000-RE
L (-40°C to 150°C)
SE (TSOT-3L)
Very sensitive Latch
MLX92212LSE-ABA-000-RE
L (-40°C to 150°C)
SE (TSOT-3L)
Unipolar switch
1 Functional Diagram
VDD
GND
OUT
VHALL
Regulator
Amplifier
BOP/BRP
Reference
Oscillator
Phase
generator
POR
Output Driver
Voltage
Regulator
Bandgap
Reference
Switched
Hall
Plate
2 General Description
The Melexis MLX92212 is a low voltage Hall-effect
switch designed in mixed signal CMOS technology.
The device integrates a voltage regulator, Hall sensor
with advanced offset cancellation system and an
open-drain output driver, all in a single package.
The device features a low voltage regulator with
optimized
performances
targetting
low
power
consumption at low voltage levels.
It is suitable for use in automotive applications thanks
to
its
wide
temperature
range
and
extensive
qualification according to automotive standards.
The MLX92212 is delivered in a Green compliant 3-
pin Thin Small Outline Transistor (TSOT) for surface-
mount process.


Numéro de pièce similaire - MLX92212LSE-AAA-000-RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Description similaire - MLX92212LSE-AAA-000-RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92231 MELEXIS-MLX92231 Datasheet
770Kb / 12P
   3-Wire Hall Effect Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com