Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX92213ELDAAA-000RE Fiches technique(PDF) 1 Page - Melexis Microelectronic Systems

No de pièce MLX92213ELDAAA-000RE
Description  MicroPower & Low-Voltage Hall Effect Latch with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92213ELDAAA-000RE Fiches technique(HTML) 1 Page - Melexis Microelectronic Systems

  MLX92213ELDAAA-000RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MLX92213
MicroPower & Low-Voltage
Hall Effect Latch with Enable
390109221302
Rev 003
Page 1 of 10
Data Sheet
Mar/12
Features and Benefits
0 Operating Voltage from 1.6 to 3.6V
0 Latching Output Behavior
0 Micropower Consumption
48uA@3V ; 36uA@1.8V
0 Advanced Power Manageability
through dedicated “Enable” pin
0 Ultra High Sensitivity Hall Sensor
0 Push-Pull Output
0 Minuature & Ultra Thin CSP
package
(2mm x 1.5mm ; 0.4mm thickness)
0 “Green” and “Pb-Free” Compliant
Package
Application Examples
0 Battery-operated / Handheld Appliances
0 Rotary or Linear Contact-Less Encoders
0 Scroll/Jog Wheel, Trackball (Mobile
Phones,
Portable Media Players, Notebooks,
Computer
Mice, Camcorders, Cameras,…)
0 Home/Industrial Metering Equipment
(Wafer
Flow Meter)
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
MLX92213
E
LD
AAA-000
RE
Legend:
Temperature Code:
E for Temperature Range -40°C to 85°C
Package Code:
LD for UTQFN6
Option Code:
xxx-000: Standard Version
Packing Form:
RE for Reel
Ordering example:
MLX92213ELD-AAA-000-RE


Numéro de pièce similaire - MLX92213ELDAAA-000RE

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Description similaire - MLX92213ELDAAA-000RE

FabricantNo de pièceFiches techniqueDescription
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
   Low Voltage Hall Effect Latch
logo
List of Unclassifed Man...
US3881 ETC-US3881 Datasheet
117Kb / 6P
   CMOS Low Voltage Hall Effect Latch
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com