Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC00 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74AC00
Description  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74AC00 Datasheet HTML 1Page - ON Semiconductor MC74AC00 Datasheet HTML 2Page - ON Semiconductor MC74AC00 Datasheet HTML 3Page - ON Semiconductor MC74AC00 Datasheet HTML 4Page - ON Semiconductor MC74AC00 Datasheet HTML 5Page - ON Semiconductor MC74AC00 Datasheet HTML 6Page - ON Semiconductor MC74AC00 Datasheet HTML 7Page - ON Semiconductor MC74AC00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74AC00, MC74ACT00
www.onsemi.com
5
Figure 3. Switching Waveforms
GND
VCC
OUTPUT Y
INPUT
A OR B
CL*
*Includes all probe and jig capacitance
50%
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
90%
Vmi
10%
tPLH
tPHL
tf
tr
50
W Scope
Test Point
450
W
INPUT
Vmi
= 50% for MC74AC00
= 1.5 V for MC74ACT00
ORDER INFORMATION
Device
Package
Shipping
MC74AC00DG
SOIC−14
(Pb−Free)
55 Units / Rail
MC74AC00DR2G
SOIC−14
(Pb−Free)
2500 / Tape and Reel
MC74AC00DTR2G
TSSOP−14
(Pb−Free)
MC74ACT00DG
SOIC−14
(Pb−Free)
55 Units / Rail
MC74ACT00DR2G
SOIC−14
(Pb−Free)
2500 / Tape and Reel
MC74ACT00DTR2G
TSSOP−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Numéro de pièce similaire - MC74AC00

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74AC00 MOTOROLA-MC74AC00 Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00D ONSEMI-MC74AC00D Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DG ONSEMI-MC74AC00DG Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
More results

Description similaire - MC74AC00

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com