Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4404EOA Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC4404EOA
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404EOA Fiches technique(HTML) 5 Page - Microchip Technology

  TC4404EOA Datasheet HTML 1Page - Microchip Technology TC4404EOA Datasheet HTML 2Page - Microchip Technology TC4404EOA Datasheet HTML 3Page - Microchip Technology TC4404EOA Datasheet HTML 4Page - Microchip Technology TC4404EOA Datasheet HTML 5Page - Microchip Technology TC4404EOA Datasheet HTML 6Page - Microchip Technology TC4404EOA Datasheet HTML 7Page - Microchip Technology TC4404EOA Datasheet HTML 8Page - Microchip Technology TC4404EOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 5
TC4404/TC4405
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Fall Time vs. Supply
Voltage.
FIGURE 2-3:
Rise Time vs. Capacitive
Load.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4
14
16
18
100 pF
470 pF
2200 pF
1500 pF
100
80
60
40
20
0
1000 pF
46
8
14
16
18
100 pF
470 pF
1000 pF
2200 pF
1500 pF
100
80
60
40
20
0
100
1000
10,000
10V
15V
100
80
60
40
20
0
TA = +25°C
TA = +25°C
TA = +25°C
VDD = 5V
1
1
1
1
VDD
4
14
16
18
100 pF
470 pF
2200 pF
1500 pF
100
80
60
40
20
0
1000 pF
4
6
8
14
16
18
100 pF
470 pF
1000 pF
2200 pF
1500 pF
100
80
60
40
20
0
100
1000
10,000
10V
15V
100
80
60
40
20
0
TA = +25°C
TA = +25°C
TA = +25°C
VDD = 5V
1
1
1
1
VDD
CLOAD (pF)
4
14
16
18
100 pF
470 pF
2200 pF
1500 pF
100
80
60
40
20
0
1000 pF
46
8
14
16
18
100 pF
470 pF
1000 pF
2200 pF
1500 pF
100
80
60
40
20
0
100
1000
10000
10V
15V
100
80
60
40
20
0
TA = +25°C
TA = +25°C
TA = +25°C
VDD = 5V
1
1
1
1
CLOAD (pF)
60
50
40
30
20
10
46
8
14
16
18
-55 -35 -15 5 25 45 65 85 105 125
60
50
40
30
20
10
100
1000
10000
100
80
60
40
20
0
10V
15V
tD1
TA = +25°C
tD2
VDD = 5V
CLOAD = 1000 pF
VDD = 17.5V
CLOAD = 1000 pF
TA = +25°C
tFALL
tRISE
1
1


Numéro de pièce similaire - TC4404EOA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4404EOA TELCOM-TC4404EOA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404EOA MICROCHIP-TC4404EOA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404EOA MICROCHIP-TC4404EOA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404EOA MICROCHIP-TC4404EOA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

Description similaire - TC4404EOA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com