Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCWMTSG-U2V2-4L8N Fiches technique(PDF) 1 Page - OSRAM GmbH

No de pièce LCWMTSG-U2V2-4L8N
Description  Small size high-flux LED for slim designs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMTSG-U2V2-4L8N Fiches technique(HTML) 1 Page - OSRAM GmbH

  LCWMTSG-U2V2-4L8N Datasheet HTML 1Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 2Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 3Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 4Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 5Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 6Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 7Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 8Page - OSRAM GmbH LCWMTSG-U2V2-4L8N Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-08-20
1
2015-08-20
Mini TOPLED
Datasheet
Version 1.1
LCW MTSG
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.38, Cy = 0.38 acc. to CIE 1931
(warm white); CRI (typ.) = 82; CTR = 4000 K
Farbe: Cx = 0.38, Cy = 0.38 nach CIE 1931
(warmweiß); CRI (typ.) = 82; CTR = 4000 K
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Aircraft Interior Lighting
Flugzeugbeleuchtung innen
Transportation
Verkehrsmittel
White Goods Lighting
Weiße Ware
Signal and Symbol Luminary
Signal- und Symbolleuchten
Reading Lamps
Leselampen


Numéro de pièce similaire - LCWMTSG-U2V2-4L8N

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LCWMTSG OSRAM-LCWMTSG Datasheet
700Kb / 23P
   white SMT package, colored diffused silicone resin
More results

Description similaire - LCWMTSG-U2V2-4L8N

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LWM673-K2N1-FK0PM0-2 OSRAM-LWM673-K2N1-FK0PM0-2 Datasheet
664Kb / 23P
   Small size high-flux LED for slim designs
LWM673-P1R2-FK0PM0 OSRAM-LWM673-P1R2-FK0PM0 Datasheet
669Kb / 23P
   Small size high-flux LED for slim designs
LWM67C-T1U1-FK0KM0-24G6 OSRAM-LWM67C-T1U1-FK0KM0-24G6 Datasheet
675Kb / 23P
   Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
   Small size high-flux LED for slim designs
LWMVSG-AZBZ-JKPL-Z486 OSRAM-LWMVSG-AZBZ-JKPL-Z486 Datasheet
688Kb / 23P
   Small size high-flux LED for slim designs
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
   Small size high-flux LED for slim designs
logo
ams AG
LTMVSG AMSCO-LTMVSG Datasheet
1Mb / 21P
   Small size high-flux LED for slim designs
Version 1.0 2020-03-30
logo
OSRAM GmbH
LWM673-P1R2-FKPL OSRAM-LWM673-P1R2-FKPL Datasheet
648Kb / 23P
   Small size high-flux LED for slim designs
LWMVSG-AYBZ-FK0PM0-Z486 OSRAM-LWMVSG-AYBZ-FK0PM0-Z486 Datasheet
741Kb / 23P
   Small size high-flux LED for slim designs
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
   Small size high-flux LED for slim designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com