Moteur de recherche de fiches techniques de composants électroniques |
|
STK1744-D35 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers |
|
STK1744-D35 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 12 page STK1744 January 2003 9 Document Control # ML0020 rev 0.0 accessed during this period. It is important that READ cycles and not WRITE cycles be used in the sequence, although it is not necessary that G be low for the sequence to be valid. After the t STORE cycle time has been fulfilled, the SRAM will again be activated for READ and WRITE operation. SOFTWARE NONVOLATILE RECALL A software RECALL cycle is initiated with a sequence of READ operations in a manner similar to the software STORE initiation. To initiate the RECALL cycle, the following sequence of READ operations must be performed: 1. Read address 0E38 (hex) Valid READ 2. Read address 31C7 (hex) Valid READ 3. Read address 03E0 (hex) Valid READ 4. Read address 3C1F (hex) Valid READ 5. Read address 303F (hex) Valid READ 6. Read address 0C63 (hex) Initiate RECALL cycle Internally, RECALL is a two-step procedure. First, the SRAM data is cleared, and second, the nonvola- tile information is transferred into the SRAM cells. After the t RECALL cycle time the SRAM will once again be ready for READ and WRITE operations. The RECALL operation in no way alters the data in the Nonvolatile Elements. The nonvolatile data can be recalled an unlimited number of times. Note that the RTC registers are not affected by nonvolatile operations. AutoStoreTM OPERATION The STK1744 uses capacitance built into the mod- ule to perform an automatic STORE on power down. In order to prevent unnecessary STORE operations, automatic STOREs will be ignored unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. Software- initiated STORE cycles are performed regardless of whether a WRITE operation has taken place. POWER-UP RECALL During power up, or after any low-power condition (V CC < VRESET), an internal RECALL request will be latched. When V CC once again exceeds VSWITCH, a RECALL cycle will automatically be initiated and will take t RESTORE to complete. If the STK1744 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system V CC or between E and system VCC. HARDWARE PROTECT The STK1744 offers hardware protection against inadvertent STORE and SRAM WRITE operation dur- ing low-voltage conditions. When V CC < VSWITCH, all software STORE operations and SRAM WRITEs are inhibited. LOW AVERAGE ACTIVE POWER The STK1744 draws significantly less current when it is cycled at times longer than 50ns. Figure 2 shows the relationship between I CC and READ cycle time. Worst-case current consumption is shown for both CMOS and TTL input levels (commercial tem- perature range, V CC = 5.5V, 100% duty cycle on chip enable). Figure 3 shows the same relationship for WRITE cycles. If the chip enable duty cycle is less than 100%, only standby current is drawn when the chip is disabled. The overall average current drawn by the STK1744 depends on the following items: 1) CMOS vs. TTL input levels; 2) the duty cycle of chip enable; 3) the overall cycle rate for accesses; 4) the ratio of READs to WRITEs; 5) the operating temperature; 6) the V CC level; and 7) I/O loading. |
Numéro de pièce similaire - STK1744-D35 |
|
Description similaire - STK1744-D35 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |