Moteur de recherche de fiches techniques de composants électroniques |
|
LM2937IMP-15 Fiches technique(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM2937IMP-15 Fiches technique(HTML) 6 Page - National Semiconductor (TI) |
6 / 11 page Typical Performance Characteristics (Continued) Low Voltage Behavior DS011280-19 Low Voltage Behavior DS011280-20 Low Voltage Behavior DS011280-21 Output at Voltage Extremes DS011280-22 Output at Voltage Extremes DS011280-23 Output Capacitor ESR DS011280-24 Peak Output Current DS011280-25 Typical Application DS011280-1 * Required if the regulator is located more than 3 inches from the power supply filter capacitors. ** Required for stability. Cout must be at least 10 µF (over the full expected operating temperature range) and located as close as possible to the regulator. The equivalent series resistance, ESR, of this capacitor may be as high as 3 Ω. www.national.com 6 |
Numéro de pièce similaire - LM2937IMP-15 |
|
Description similaire - LM2937IMP-15 |