Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM813xxxUMG-TR Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce SM813xxxUMG-TR
Description  Flexible Ultra-Low Jitter Clock Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SM813xxxUMG-TR Fiches technique(HTML) 9 Page - Microchip Technology

Back Button SM813xxxUMG-TR Datasheet HTML 5Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 6Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 7Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 8Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 9Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 10Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 11Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 12Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
 2016 Microchip Technology Inc.
DS20005538B-page 9
SM813XXX
3.0
PHASE NOISE PERFORMANCE
FIGURE 3-1:
156.25 MHz, LVPECL Integration Range 1.875 MHz to 20 MHz: 64 fsRMS.


Numéro de pièce similaire - SM813xxxUMG-TR

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
More results

Description similaire - SM813xxxUMG-TR

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com