Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847PN Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BC847PN
Description  DUAL TRANSISTOR (NPNPNP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC847PN Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC847PN Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847PN Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847PN Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847PN Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847PN Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847PN Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAXIMUM RATINGS TR2 (Ta=25
℃ unless otherwise noted)
CHARACTERISTICS of TR2 (PNP Transistor) (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-15
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-15
nA
DC current gain
hFE1
VCE=-5V,IC=-2mA
220
475
VCE(sat)
IC=-10mA,IB=-0.5mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-5mA
-0.65
V
VBE(sat)
IC=-10mA,IB=-0.5mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA,IB=-5mA
-0.95
V
VBE(on)
VCE=-5V,IC=-2mA
-0.6
-0.75
V
Base-emitter voltage
VBE(on)
VCE=-5V,IC=-10mA
-0.82
V
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
4.5
pF
Transition frequency
fT
VCE=-5V,IC=-10mA,f=100MHz
100
MHz
Noise figure
NF
VCE=-5V,Ic=-0.2mA,
f=
1kHz,Rg=2KΩ, ∆f=200Hz
10
dB
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-0.1
A
PC*
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
E,Mar,2016


Numéro de pièce similaire - BC847PN

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
logo
Diotec Semiconductor
BC847PN DIOTEC-BC847PN Datasheet
186Kb / 2P
   SMD General Purpose NPN/PNP Transistors
logo
Infineon Technologies A...
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
More results

Description similaire - BC847PN

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
MMDT2227 JIANGSU-MMDT2227 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNPNP)
MMDT4413 JIANGSU-MMDT4413 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNPNP)
UMF5N JIANGSU-UMF5N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPNPN)
MMDT3946 JIANGSU-MMDT3946 Datasheet
298Kb / 4P
   DUAL TRANSISTOR (NPNPNP)
UMZ1N JIANGSU-UMZ1N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNPNP)
UMZ2N JIANGSU-UMZ2N Datasheet
1Mb / 6P
   DUAL TRANSISTOR (PNPNPN)
UMF21N JIANGSU-UMF21N Datasheet
1Mb / 4P
   DUAL DIGITAL TRANSISTOR (NPNPNP)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
Shenzhen Jin Yu Semicon...
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
   DUAL DIGITAL TRANSISTOR (NPN PNP)
logo
Diodes Incorporated
DEMD48 DIODES-DEMD48 Datasheet
270Kb / 4P
   DUAL NPN/PNP PRE-BIASED TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com