Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP810PW10R0JE Fiches technique(PDF) 1 Page - Ohmite Mfg. Co.

No de pièce TP810PW10R0JE
Description  Wide Resistance Range
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OHMITE [Ohmite Mfg. Co.]
Site Internet  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TP810PW10R0JE Fiches technique(HTML) 1 Page - Ohmite Mfg. Co.

  TP810PW10R0JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
60
0.020"
0.51mm
typ.
0.150"
3.8 mm
min.
0.200" / 5.08 mm
0.075" / 1.91 mm dia. finished pins
0.070" /
1.78 mm
0.040" / 1.02 mm
0.240" /
6.10 mm
0.300" /
7.62 mm
0.040" /
1.02 mm
typ.
0.800"
20.32mm
1.085"/27.56mm
1.07"/27.18mm
TP Series
High Energy
Thick Film on Alumina Substrate
Substrate Alumina
Resistor Thick Film
Coating Glass
Terminals Solder Plated Phosphor Bronze
Thermal Conductivity 20 Watts/Meter/°C
Temperature Coefficient 1 to 100Ω:
100 ppm/°C
101Ω and up: 50 ppm/°C
Tolerance ±1%, ±5% and ±10%
Power Rating Based on 25°C free air
Resistance Range 10 ohms to 1M ohm. Consult factory for other values
Maximum Operating Voltage 350 VAC, 500 VDC through glass
Energy Rating 100J: 100ms pulse with 100uF capacitor, not to exceed 1500 volts
Derating 100% @ 25°C to 0% @ 180°C ambient.
charac T eri ST ic S
Fea T ure S
• High-Temp Terminal
Construction
• Wide Resistance Range
• Low Inductance (50nH-
100nH)
• High Power Density
• Easy to install.
PC-mountable
V
t
E= Energy
(joules)
t= Time
(seconds)
V= Voltage
(volts)
R= Resistance (ohms)
C= Capacitance (farads)
E = –CV2
1
2
t = RC
Pulse
TP Series high energy resistors offer the user the
benefits of non-inductive performance and high
power density. As an added feature, they provide
the impulse energy capability normally associated
with wirewound or composition resistors. Double-
sided screen printing of pulse-tolerant thick film ink,
coupled with a sophisticated scan-cut laser trimming
process, maximize the energy withstanding capabili-
ties of the TP Series.
Standard part numbers for TP series
TP810PW10R0JE
TP810PW20R0JE
TP810PW50R0JE
TP810PW100RJE
TP810PW470RJE
TP810PW1K00JE
TP810PW4K70JE
TP810PW10K0JE
D i M e NS i ONS
(±.020 in. / ±.508mm)
O r D eri NG i NFO r M aT i ON
Power Rating
10 = 10 watts
TP810PW4K50 J E
Series
Tolerance
K = 10%
J = 5%
Package
PW = wraparound
terminal
Resistance Value (
Ω)
10R0 = 10.0
2K00 = 2,000
45K0 = 45,000
Pin spacing
8 = 0.80"
RoHS
compliant


Numéro de pièce similaire - TP810PW10R0JE

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TP810PW10R0JE OHMITE-TP810PW10R0JE Datasheet
204Kb / 2P
   High Energy Thick Film on Alumina Substrate
More results

Description similaire - TP810PW10R0JE

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
RES-TUW-TUM OHMITE-RES-TUW-TUM Datasheet
383Kb / 2P
   Wide resistance range
RES-TWW-TWM OHMITE-RES-TWW-TWM Datasheet
461Kb / 2P
   Wide resistance range
RES-RW OHMITE-RES-RW Datasheet
374Kb / 2P
   Wide Resistance Range
RES-TVW-TVM OHMITE-RES-TVW-TVM Datasheet
116Kb / 1P
   Wide resistance range
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
   Low TCRs over a wide resistance range
logo
Ohmite Mfg. Co.
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
   Wide resistance ranges
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
   Wide resistance ranges
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com